Electronic Components Datasheet Search |
|
DE1E3KH102KA3A Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
DE1E3KH102KA3A Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 66 page Recycled Paper !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 2 3 4 5 6 7 8 9 10 CONTENTS Part Numbering 2 Type KY (Basic Insulation) -IEC60384-14 Class X1, Y2- 4 Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2- 6 Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1- 8 Type KX (Reinforced Insulation) -IEC60384-14 Class X1, Y1- 10 Type KY/KH/KX Specifications and Test Methods 12 DEJ Series -Based on the Electrical Appliance and Material Safety Law of Japan- 16 DEJ Series Specifications and Test Methods 17 Safety Recognized Ceramic Capacitors Characteristics Data (Typical Example) 20 Safety Recognized Ceramic Capacitors Packaging 23 Safety Recognized Ceramic Capacitors !Caution 25 Safety Recognized Ceramic Capacitors Notice 28 DES Series (125 deg. C Guaranteed/Low-dissipation Factor/DC500V-1kV) 29 DES Series Specifications and Test Methods 31 DEH Series (125 deg. C Guaranteed/Low-dissipation Factor/DC250V-3.15kV) 33 DEH Series Specifications and Test Methods 36 DEA Series (125 deg. C Guaranteed/Class 1/DC1k-3.15kV) 39 DEA Series Specifications and Test Methods 42 DEB Series (Class 2/DC1k-3.15kV) 44 DEB Series Specifications and Test Methods 47 DEC Series (Class 1, 2/DC6.3kV) 49 DEC Series Specifications and Test Methods 51 High Voltage Ceramic Capacitors Characteristics Data (Typical Example) 53 High Voltage Ceramic Capacitors Packaging 54 High Voltage Ceramic Capacitors !Caution 56 High Voltage Ceramic Capacitors Notice 63 Safety Recognized Ceramic Capacitors/High Voltage Ceramic Capacitors ISO9000 Certifications 64 1 2 3 4 5 6 7 8 9 10 • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C85E.pdf 06.6.1 |
Similar Part No. - DE1E3KH102KA3A |
|
Similar Description - DE1E3KH102KA3A |