Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7303BRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7303BRZ
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303BRZ Datasheet(HTML) 2 Page - Analog Devices

  AD7303BRZ Datasheet HTML 1Page - Analog Devices AD7303BRZ Datasheet HTML 2Page - Analog Devices AD7303BRZ Datasheet HTML 3Page - Analog Devices AD7303BRZ Datasheet HTML 4Page - Analog Devices AD7303BRZ Datasheet HTML 5Page - Analog Devices AD7303BRZ Datasheet HTML 6Page - Analog Devices AD7303BRZ Datasheet HTML 7Page - Analog Devices AD7303BRZ Datasheet HTML 8Page - Analog Devices AD7303BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD7303–SPECIFICATIONS
(VDD = +2.7 V to +5.5 V, Internal Reference; RL = 10 k
to VDD and GND; CL = 100 pF
to GND; all specifications TMIN to TMAX unless otherwise noted)
Parameter
B Versions
1
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
Bits
Relative Accuracy
±1
LSB max
Note 2
Differential Nonlinearity
±1
LSB max
Guaranteed Monotonic
Zero-Code Error @ +25
°C
3
LSB max
All Zeros Loaded to DAC Register
Full-Scale Error
–0.5
LSB typ
All Ones Loaded to DAC Register
Gain Error
3
+1
% FSR typ
Zero-Code Temperature Coefficient
100
µV/°C typ
DAC REFERENCE INPUT
REFIN Input Range
1 to VDD/2
V min to max
REFIN Input Impedance
10
ΜΩ typ
Internal Voltage Reference Error
4
±1
% max
OUTPUT CHARACTERISTICS
Output Voltage Range
0 to VDD
V min to max
Output Voltage Settling Time
2
µs max
Typically 1.2
µs
Slew Rate
7.5
V/
µs typ
Digital to Analog Glitch Impulse
0.5
nV-s typ
1 LSB Change Around Major Carry
Digital Feedthrough
0.2
nV-s typ
Digital Crosstalk
0.2
nV-s typ
Analog Crosstalk
±0.2
LSB typ
DC Output Impedance
40
Ω typ
Short Circuit Current
14
mA typ
Power Supply Rejection Ratio
0.0001
%/% max
∆ V
DD = ± 10%
LOGIC INPUTS
Input Current
±10
µA max
VINL, Input Low Voltage
0.8
V max
VDD = +5 V
0.6
V max
VDD = +3 V
VINH, Input High Voltage
2.4
V min
VDD = +5 V
2.1
V min
VDD = +3 V
Pin Capacitance
5
pF max
POWER REQUIREMENTS
VDD
2.7/5.5
V min/max
IDD (Normal Mode)
Both DACs Active and Excluding Load Currents,
VDD = 3.3 V
VIH = VDD, VIL = GND
@ +25
°C
2.1
mA max
See Figure 8
TMIN – TMAX
2.3
mA max
VDD = 5.5 V
@ +25
°C
2.7
mA max
TMIN – TMAX
3.5
mA max
IDD (Full Power-Down)
@ +25
°C
80
nA typ
VIH = VDD, VIL = GND
TMIN – TMAX
1
µA max
See Figure 19
NOTES
1Temperature ranges are as follows: B Version, –40
°C to +105°C.
2Relative Accuracy is calculated using a reduced digital code range of 15 to 245.
3Gain Error is specified between Codes 15 and 245. The actual error at Code 15 is typically 3 LSB.
4Internal Voltage Reference Error = (Actual V
REF – Ideal VREF/Ideal VREF) • 100. Ideal VREF = VDD/2, actual VREF = voltage on reference pin when internal reference
is selected.
Specifications subject to change without notice.
ORDERING GUIDE
Temperature
Package
Model
Range
Options*
AD7303BN
–40
°C to +105°C
N-8
AD7303BR
–40
°C to +105°C
SO-8
AD7303BRM
–40
°C to +105°C
RM-8
*N = Plastic DIP; R = SOIC; RM = microSOIC.


Similar Part No. - AD7303BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7303BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com