Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC0350C1AR50BL Datasheet(PDF) 54 Page - Murata Manufacturing Co., Ltd.

Part # GC0350C1AR50BL
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC0350C1AR50BL Datasheet(HTML) 54 Page - Murata Manufacturing Co., Ltd.

Back Button GC0350C1AR50BL Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GC0350C1AR50BL Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
52
5. Optimum Solder Amount for Flow Soldering
5-1. The top of the solder fillet should be lower than the
thickness of the components. If the solder amount is
excessive, the risk of cracking is higher during board
bending or any other stressful condition.
Table 2
[Standard Conditions for Flow Soldering]
[Allowable Flow Soldering Temperature and Time]
In the case of repeated soldering, the accumulated
soldering time must be within the range shown above.
Soldering Time (sec.)
260
270
280
250
240
230
220
010
20
30
40
Up to Chip Thickness
Adhesive
Continued from the preceding page.
Continued on the following page.
Recommended Conditions
Soldering Peak Temperature
Atmosphere
Pb-Sn Solder
240 to 250°C
Air
Lead Free Solder
250 to 260°C
Preheating Peak Temperature
90 to 110°C
100 to 120°C
N2
30-90 seconds
5 seconds max.
ΔT
Gradual
Cooling
Soldering
Preheating
Preheating
Peak
Temperature
Time
Temperature (
D)
Soldering
Peak
Temperature
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
4-2. Flow Soldering
1. Do not apply flow soldering to chips not listed in table 2.
2. When sudden heat is applied to the components, the
mechanical strength of the components will decrease
because a sudden temperature change causes
deformation inside the components. In order to prevent
mechanical damage to the components, preheating is
required for both of the components and the PCB board.
Preheating conditions are shown in table 2. It is required
to keep the temperature differential between the solder
and the components surface (
ΔT) as low as possible.
3. Excessively long soldering time or high soldering
temperature can result in leaching of the outer electrodes,
causing poor adhesion or a reduction in capacitance
value due to loss of contact between the electrodes and
end termination.
4. When components are immersed in solvent after
mounting, be sure to maintain the temperature differential
(
ΔT) between the component and solvent within the range
shown in the table 2.
in section
GC3/GCD/GCM Series 18/21/31 sizes
(Except for characteristics of X8L, X8G)
GCJ Series Rated Voltage 250VDC
or more 18/21/31 sizes
ΔTV150°C
Part Number
Temperature Differential
!Caution


Similar Part No. - GC0350C1AR50BL

ManufacturerPart #DatasheetDescription
logo
CUI INC
GC0351K CUI-GC0351K Datasheet
172Kb / 3P
   SPEAKER
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M CUID-GC0351M Datasheet
557Kb / 3P
   SPEAKER
08/05/2022
logo
CUI INC
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M-3 CUID-GC0351M-3 Datasheet
577Kb / 3P
   SPEAKER
08/05/2022
More results

Similar Description - GC0350C1AR50BL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com