Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC0350C0JR50BL Datasheet(PDF) 48 Page - Murata Manufacturing Co., Ltd.

Part # GC0350C0JR50BL
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC0350C0JR50BL Datasheet(HTML) 48 Page - Murata Manufacturing Co., Ltd.

Back Button GC0350C0JR50BL Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. GC0350C0JR50BL Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
46
2. Measurement of Capacitance
1. Measure capacitance with the voltage and frequency
specified in the product specifications.
1-1. The output voltage of the measuring equipment may
decrease occasionally when capacitance is high.
Please confirm whether a prescribed measured
voltage is impressed to the capacitor.
1-2. The capacitance values of high dielectric constant
type capacitors change depending on the AC voltage
applied. Please consider the AC voltage
characteristics when selecting a capacitor to be used
in an AC circuit.
Continued on the following page.
Continued from the preceding page.
3. Applied Voltage
1. Do not apply a voltage to the capacitor that exceeds the
rated voltage as called out in the specifications.
1-1. Applied voltage between the terminals of a capacitor
shall be less than or equal to the rated voltage.
(1) When AC voltage is superimposed on DC voltage,
the zero-to-peak voltage shall not exceed the
rated DC voltage.
When AC voltage or pulse voltage is applied, the
peak-to-peak voltage shall not exceed the rated
DC voltage.
(2) Abnormal voltages (surge voltage, static
electricity, pulse voltage, etc.) shall not exceed
the rated DC voltage.
1-2. Influence of over voltage
Over voltage that is applied to the capacitor may
result in an electrical short circuit caused by the
breakdown of the internal dielectric layers.
The time duration until breakdown depends on the
applied voltage and the ambient temperature.
2. Use a safety standard certified capacitor in a power
supply input circuit (AC filter), as it is also necessary to
consider the withstand voltage and impulse withstand
voltage defined for each device.
Typical Voltage Applied to the DC Capacitor
(E: Maximum possible applied voltage.)
DC Voltage
DC Voltage+AC
AC Voltage
Pulse Voltage
E
0
E
0
E
0
E
0
!Caution


Similar Part No. - GC0350C0JR50BL

ManufacturerPart #DatasheetDescription
logo
CUI INC
GC0351K CUI-GC0351K Datasheet
172Kb / 3P
   SPEAKER
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M CUID-GC0351M Datasheet
557Kb / 3P
   SPEAKER
08/05/2022
logo
CUI INC
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M-3 CUID-GC0351M-3 Datasheet
577Kb / 3P
   SPEAKER
08/05/2022
More results

Similar Description - GC0350C0JR50BL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com