Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DST9NC52A222 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DST9NC52A222
Description  Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DST9NC52A222 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DST9NC52A222 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DST9NC52A222 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DST9NC52A222 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DST9NC52A222 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > Leaded EMIFIL
r (Three-terminal Capacitor type) > Standard Type
2012.9.6
oThis data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
Leaded EMIFIL
r (Three-terminal Capacitor type) Standard Type
c Dimensions
(in mm)
4.0 max.
9.5 max.
1.0±0.5
5.0±0.5
2.5±0.5
ø0.65
I
Q55 Type: 25.0 min.
Q56 Type: 6.0±1.0
Q54 Type: 4.0±0.5
GND
c Insertion Loss Characteristics (Main Items)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
Frequency (MHz)
270pF
2200pF
22000pF
(50
Ω - 50Ω)
c Rated Value (p: lead type/packaging code)
Part Number
Capacitance
Rated Voltage
Rated Current
Operating
Temperature Range
DSN9NC52A271
p
270pF ±20%
100Vdc
7A
-25 to +85°C
DSN9NC52A222
p
2200pF ±20%
100Vdc
7A
-25 to +85°C
DSN9NC51H223
p
22000pF 50/-20%
50Vdc
7A
-25 to +85°C
Rated current is 6A for taping type and its lead diameter is phi 0.6mm and three terminal in line arrangement.
Continued on the following page.
c Dimensions
(in mm)
4.0 max.
9.5 max.
GND
Q55 Type: I = 25.0 min.
Q50 Type: I1 = 4.0±0.5
1.25±0.5
5.0±0.5
2.5±0.5
ø0.65
Ferrite bead
c Insertion Loss Characteristics (Main Items)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
Frequency (MHz)
270pF
2200pF
22000pF
(50
Ω - 50Ω)
DSN9N/DST9N Series
DSN9N Series
DST9N Series


Similar Part No. - DST9NC52A222

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DST9NC52A222 MURATA-DST9NC52A222 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DST9NC52A222Q50 MURATA1-DST9NC52A222Q50 Datasheet
269Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
08/24/2022
DST9NC52A222Q50B MURATA1-DST9NC52A222Q50B Datasheet
269Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
08/24/2022
DST9NC52A222Q52 MURATA1-DST9NC52A222Q52 Datasheet
269Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
08/24/2022
DST9NC52A222Q52B MURATA1-DST9NC52A222Q52B Datasheet
269Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
08/24/2022
More results

Similar Description - DST9NC52A222

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSN9NC51H223Q54B MURATA-DSN9NC51H223Q54B Datasheet
129Kb / 4P
   Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
58251 MURATA-58251 Datasheet
44Kb / 2P
   Chip EMIFIL Capacitor Type
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com