Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSN9NC52A222 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DSN9NC52A222
Description  Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSN9NC52A222 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DSN9NC52A222 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSN9NC52A222 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSN9NC52A222 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DSN9NC52A222 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Noise Suppression Products/EMI Suppression Filters > Leaded EMIFIL
r (Three-terminal Capacitor type) > Standard Type
2012.9.6
oThis data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
Continued from the preceding page.
c Caution · Notice
o Rating
Do not use products beyond the rated current and rated voltage as this
may create excessive heat and deteriorate the insulation resistance.
o Soldering and Mounting
1. Mounting holes should be designed as specified in these
specifications. Other designs than those shown in these
specifications may cause cracks in ceramics that may
lead to smoking or firing.
2. DSN9/DST9/DSN9H/DST9H/VFS9V Series
Mounting for PCB. (Applis only to bulk type.)
The form of the mounting hole of the bulk item is a triangle.
The product should be inserted and soldered to each hole in
the correct way as in Fig.2. (The center terminal and the other
terminals become parallel when viewing the product from the
side.) Smoking and firing maybe caused by incorrect mounting
as in Fig.3. (The center terminal and the other terminals cross
when viewing the product from the side.)
Fig.2 Right Way
Fig.3 Wrong Way
Marking Side
Center Terminal
(Ground Terminal)
!Caution
Continued on the following page.


Similar Part No. - DSN9NC52A222

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSN9NC52A222 MURATA-DSN9NC52A222 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9NC52A222Q54 MURATA1-DSN9NC52A222Q54 Datasheet
261Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
08/12/2022
DSN9NC52A222Q54B MURATA1-DSN9NC52A222Q54B Datasheet
261Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
08/12/2022
DSN9NC52A222Q55 MURATA1-DSN9NC52A222Q55 Datasheet
262Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
Last updated08/12/2022
DSN9NC52A222Q55B MURATA1-DSN9NC52A222Q55B Datasheet
262Kb / 3P
   DS_9 is a basic type EMI suppression filter which can obtain high insertion loss in a wide frequency range.
Last updated08/12/2022
More results

Similar Description - DSN9NC52A222

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSN9NC51H223Q54B MURATA-DSN9NC51H223Q54B Datasheet
129Kb / 4P
   Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
58251 MURATA-58251 Datasheet
44Kb / 2P
   Chip EMIFIL Capacitor Type
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com