Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE3B3KY102MA3 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # DE3B3KY102MA3
Description  Safety Standard Recognized Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE3B3KY102MA3 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button DE3B3KY102MA3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE3B3KY102MA3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Specifications and Test Methods
No.
Item
Specifications
Testing Method
To be easily legible
10000M
Ω min.
No marked defect on appearance form and
dimensions are within specified range.
Appearance and Dimensions
Marking
Insulation Resistance (I.R.)
1
2
5
The insulation resistance should be measured with
DC500±50V within 60±5 sec. of charging.
The voltage should be applied to the capacitor through a
resistor of 1M
Ω.
The capacitor should be visually inspected.
The capacitor should be visually inspected for evidence of
defect.
Dimensions should be measured with slide calipers.
Within specified tolerance
Capacitance
3
Dissipation Factor (D.F.)
Q
4
The capacitance, dissipation factor and Q should be measured
at 20˚C with 1±0.1kHz (char. SL : 1±0.1MHz) and AC5V
(r.m.s.) max.
No failure
Dielectric
Strength
Between Lead
Wires
6
The capacitor should not be damaged when test voltages of
Table 1 are applied between the lead wires for 60 sec.
No failure
Body
Insulation
First, the terminals of the capacitor
should be connected together. Then,
as shown in figure at right, a metal
foil should be closely wrapped around
the body of the capacitor to the
distance of about 3 to 4mm from
each terminal.
Then, the capacitor should be inserted
into a container filled with metal balls
of about 1mm diameter. Finally, AC
voltage of Table 2 is applied for 60 sec. between the capacitor
lead wires and metal balls.
Temperature characteristic guarantee is -25 to +85°C
Temperature characteristic guarantee is +20 to +85°C
Temperature Characteristics
7
The capacitance measurement should be made at each step
specified in Table 3.
Char.
B, E
F
SL
D.F.
V2.5%
D.F.
V5.0%
Q
U400+20C*1(CF30pF)
Q
U1000
(C
U30pF)
Specifications
Step
1
2
3
4
5
20±2
-25±2
20±2
85±2
20±2
Temperature (ºC)
Metal
Foil
about
3 to 4mm
Metal
Balls
<Table.3>
<Table.1>
Apply to Type KY/KH/KX
Operating Temperature Range : -25 to +125°C (-25 to +85°C in case of the standard of UL)
Type
KY
KH
KX
In case of lead spacing F=5mm AC2000V (r.m.s.)
In case of lead spacing F=7.5mm AC2600V (r.m.s.)
AC2600V (r.m.s.)
AC4000V (r.m.s.)
Test Voltage
<Table.2>
Type
KY
KH
KX
AC2600V (r.m.s.)
AC2600V (r.m.s.)
AC4000V (r.m.s.)
Test Voltage
Char.
B
E
F
Within ±10%
Within
+20
-55
%
Within
+30
-80
%
Capacitance Change
Char.
SL
+350 to -1000ppm/°C
Temperature Coefficient
8
The lead wire of a capacitor should be dipped into molten
solder for 2±0.5 sec.
The depth of immersion is up to about 1.5 to 2.0mm from the
root of lead wires.
Temp. of solder: Lead Free Solder (Sn-3Ag-0.5Cu) 245±5°C
H63 Eutectic Solder 235±5°C
Solderability of Leads
Lead wire should be soldered with uniform coating
on the axial direction over 3/4 of the circumferential
direction.
Continued on the following page.
*
1 "C" expresses nominal capacitance value (pF).


Similar Part No. - DE3B3KY102MA3

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
146Kb / 5P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A_09 Datasheet
146Kb / 5P
   RF Power MOSFET
logo
List of Unclassifed Man...
DE375-102N12A ETC1-DE375-102N12A Datasheet
90Kb / 3P
   RF POWER MOSFET
More results

Similar Description - DE3B3KY102MA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC472M ETC2-KC472M Datasheet
201Kb / 6P
   Safety Standard Recognized Ceramic Capacitor
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com