Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5600U Datasheet(PDF) 2 Page - saftbatteries

Part # BA5600U
Description  Li-SO2 primary battery system
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5600U Datasheet(HTML) 2 Page - saftbatteries

  BA5600U Datasheet HTML 1Page - saftbatteries BA5600U Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel:
+33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 69
313 Crescent Street
Valdese NC 28690 - USA
Tel:
+1 (828) 874 4111
Fax: +1 (828) 874 2431
www.saftbatteries.com
Doc N° 31070-2-0306
Data in this document is subject to change without notice and
becomes contractual only after written
confirmation.
BA 5600 A/U dimensions
Capacity vs rate at various temperatures
*All measurements in inches
2 A discharge typical curves at various temperatures
Electrical schematic
Typical discharge curves at various rates at +21ºC/+70ºF


Similar Part No. - BA5600U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA56-11 ETC-BA56-11 Datasheet
525Kb / 6P
   14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
BA56-11CGKWA KINGBRIGHT-BA56-11CGKWA Datasheet
369Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
logo
List of Unclassifed Man...
BA56-11EWA ETC-BA56-11EWA Datasheet
525Kb / 6P
   14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
BA56-11EWA KINGBRIGHT-BA56-11EWA Datasheet
160Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
logo
List of Unclassifed Man...
BA56-11GWA ETC-BA56-11GWA Datasheet
525Kb / 6P
   14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
More results

Similar Description - BA5600U

ManufacturerPart #DatasheetDescription
logo
saftbatteries
BA5599A SAFT-BA5599A Datasheet
211Kb / 2P
   Li-SO2 primary battery system
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
   Li-SO2 primary battery system
BA5847B SAFT-BA5847B Datasheet
243Kb / 2P
   Li-SO2 primary battery system
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
   Primary lithium battery system
BA5372 SAFT-BA5372 Datasheet
424Kb / 2P
   Primary lithium battery system
BA5380 SAFT-BA5380 Datasheet
513Kb / 2P
   Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
   Primary lithium battery system
logo
List of Unclassifed Man...
WR34615 ETC1-WR34615 Datasheet
83Kb / 2P
   3.6V Primary lithium-sulfur dioxide (Li-SO2) Power type D-size spiral cell
BA-5112 ETC-BA-5112 Datasheet
51Kb / 2P
   LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM
logo
saftbatteries
28VLBB SAFT-28VLBB Datasheet
595Kb / 2P
   Li-ion rechargeable military battery system
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com