Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS27M0X51-B0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # CSTLS27M0X51-B0
Description  Ceramic Resonator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS27M0X51-B0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  CSTLS27M0X51-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTLS27M0X51-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
3
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1
1
Characteristics and Types of CERALOCK®
2. Types of CERALOCK®
MHz Band lead CERALOCK® (CSTLS Series)
As CSTLS series does not require externally mounted
capacitors, the number of components can be reduced,
allowing circuits to be made more compact.
The table shows the frequency range and appearance of
the three-terminal CERALOCK® with built-in load
capacitance.
Part Numbering
Part Numbers and Dimensions of lead CERALOCK®
(CSTLS Series)
Part Number
Frequency
Dimensions (in mm)
CSTLS
G
3.40–10.00MHz
2.5 2.5
8.0
CSTLS
X
16.00–70.00MHz
2.5 2.5
5.5
Product ID
Frequency/Built-in Capacitance
Structure/Size
LS: Round Lead Type
Nominal Center Frequency
Type
G: Thickness Shear vibration,
X: Thickness Longitudinal Vibration (3rd overtone)
Frequency Tolerance
1: ±0.1%, 2: ±0.2%, 3: ±0.3%, 5: ±0.5%, D: DTMF,
Z: Others
Built-in Load capacitance
1: 5pF, 3: 15pF, 4: 22pF, 5: 30pF, 6: 47pF
Individual Specification
With standard products, "
Individual Specification" is
omitted, and "
Package Specification Code" is carried up.
Packaging
–B0: Bulk,
–A0: Radial Taping H0=18mm Ammo Pack (Standard)
∗ 16.00−32.99MHz : 3.5
(Ex.)
CS
T
LS
4M00
G
5
3
-A0
P17E.pdf
2012.10.31


Similar Part No. - CSTLS27M0X51-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS27M0X51-B0 MURATA-CSTLS27M0X51-B0 Datasheet
722Kb / 32P
   Ceramic Resonator
CSTLS27M0X51-B0 MURATA-CSTLS27M0X51-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
CSTLS27M0X51-B0 MURATA-CSTLS27M0X51-B0 Datasheet
728Kb / 32P
   Ceramic Resonator (CERALOCK)
More results

Similar Description - CSTLS27M0X51-B0

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com