Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6645ASQZ-801 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6645ASQZ-801
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645ASQZ-801 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6645ASQZ-801 Datasheet HTML 3Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 4Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 5Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 6Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 7Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 8Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 9Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 10Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD6645
Rev. D | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Electrical
AVCC Voltage
0 V to 7 V
DVCC Voltage
0 V to 7 V
Analog Input Voltage
0 V to AVCC
Analog Input Current
25 mA
Digital Input Voltage
0 V to AVCC
Digital Output Current
4 mA
Environmental
Operating Temperature Range (Ambient)
AD6645-80
−40°C to +85°C
AD6645-105
−10°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The heat sink of the AD6645ASVZ, 52-lead TQFP_EP (SV-52-1)
package must be soldered to the PCB GND plane to meet thermal
specifications.
Table 6. Thermal Characteristics
Package Type
Rating
52-Lead TQFP_EP
θJA (0 m/sec airflow)1, 2, 3
23°C/W, soldered heat sink
θJMA (1.0 m/sec airflow)2, 3, 4, 5
17°C/W, soldered heat sink
θJC6, 7
2°C/W, soldered heat sink
52-Lead LQFP_PQ4
θJA (0 m/sec airflow)1, 2, 3
30°C/W, unsoldered heat sink
θJMA (1.0 m/sec airflow)2, 3, 4, 5
24°C/W, unsoldered heat sink
θJA (0 m/sec airflow)1, 2, 3
23°C/W, soldered heat sink
θJMA (1.0 m/sec airflow)2, 3, 4, 5
17°C/W, soldered heat sink
θJC6, 7
2°C/W
1 Per JEDEC JESD51-2 (heat sink soldered to PCB).
2 2S2P JEDEC test board.
3 Values of
θ
JA
are provided for package comparison and PCB design
considerations.
4 Per JEDEC JESD51-6 (heat sink soldered to PCB).
5 Airflow increases heat dissipation, effectively reducing θJA. Furthermore, the
more metal that is directly in contact with the package leads from metal
traces, throughholes, ground, and power planes, the more θJA is reduced.
6 Per MIL-STD-883, Method 1012.1.
7 Values of
θ
JC
are provided for package comparison and PCB design
considerations when an external heat sink is required.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order
approximation of TJ by the equation
TJ = TA + (θJA × PD)
where:
TA is the ambient temperature (°C).
PD is the power dissipation (W).
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and guaranteed by design
and characterization at temperature extremes.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
ESD CAUTION


Similar Part No. - AD6645ASQZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645ASQZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com