Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6645 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 5 Page - Analog Devices

  AD6645 Datasheet HTML 1Page - Analog Devices AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD6645
Rev. D | Page 5 of 24
Test
AD6645ASQ-80/
AD6645ASV-80
AD6645ASQ-105/
AD6645ASV-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
WORST HARMONIC (FOURTH OR HIGHER)
Analog Input @ −1 dBFS
25°C
V
96.0
96.0
dBc
At 15.5 MHz
Full
II
85.0
95.0
dBc
At 30.5 MHz
25°C
I
86.0
95.0
dBc
At 37.7 MHz
Full
V
90.0
90.0
dBc
At 70.0 MHz
25°C
V
90.0
90.0
dBc
At 150.0 MHz
25°C
V
88.0
88.0
dBc
At 200.0 MHz
TWO-TONE SFDR
25°C
V
100
98.0
dBFS
At 30.5 MHz1, 2
25°C
V
100
98.0
dBFS
At 55.0 MHz1, 3
25°C
V
98.0
dBFS
At 70.0 MHz1, 4
TWO-TONE IMD REJECTION2, 3
F1, F2 @ −7 dBFS
25°C
V
90
90
dBc
ANALOG INPUT BANDWIDTH
25°C
V
270
270
MHz
1 Analog input signal power swept from −10 dBFS to −100 dBFS.
2 F1 = 30.5 MHz, F2 = 31.5 MHz.
3 F1 = 55.25 MHz, F2 = 56.25 MHz.
4 F1 = 69.1 MHz, F2 = 71.1 MHz.
SWITCHING SPECIFICATIONS
AVCC = 5 V, DVCC = 3.3 V; ENCODE, ENCODE, TMIN and TMAX at rated speed grade, unless otherwise noted.
Table 4.
Test
AD6645ASQ-80/
AD6645ASV-80
AD6645ASQ-105/
AD6645ASV-105
Parameter
Symbol
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
ENCODE INPUT PARAMETERS1
Maximum Conversion Rate
Full
II
80
105
MSPS
Minimum Conversion Rate
Full
IV
30
30
MSPS
ENCODE Pulse Width High, tENCH2
Full
IV
5.625
4.286
ns
Full
V
6.25
4.75
ns
ENCODE Pulse Width Low, tENCL2
Full
IV
5.625
4.286
ns
Full
V
6.25
4.75
ns
ENCODE Period1
tENC
Full
V
12.5
9.5
ns
ENCODE/DATA-READY
ENCODE Rising to Data-Ready Falling
tDR
Full
V
1.0
2.0
3.1
1.0
2.0
3.1
ns
ENCODE Rising to Data-Ready Rising
tE_DR
Full
V
tENCH + tDR
tENCH + tDR
ns
50% Duty Cycle
Full
V
7.3
8.3
9.4
5.7
6.75
7.9
ns
ENCODE/DATA (D13:0), OVR
ENCODE to DATA Falling Low
tE_FL
Full
V
2.4
4.7
7.0
2.4
4.7
7.0
ns
ENCODE to DATA Rising Low3
tE_RL
Full
V
1.4
3.0
4.7
1.4
3.0
4.7
ns
ENCODE to DATA Delay3 (Hold Time)
tH_E
Full
V
1.4
3.0
4.7
1.4
3.0
4.7
ns
ENCODE to DATA Delay (Setup Time)
tS_E
Full
V
tENC
tE_FL(max)
tENC
tE_FL(max)
ns
tENC
tE_FL(typ)
tENC
tE_FL(typ)
ns
tENC
tE_FL(min)
tENC
tE_FL(min)
ns
50% Duty Cycle
Full
V
5.3
7.6
10.0
2.3
4.8
7.0
ns


Similar Part No. - AD6645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD6645 AD-AD6645 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com