Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2138 Datasheet(PDF) 14 Page - Skyworks Solutions Inc.

Part # AAT2138
Description  High Current Step-Down Converter with High-Precision Programmable Current Limited Load Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2138 Datasheet(HTML) 14 Page - Skyworks Solutions Inc.

Back Button AAT2138 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 14Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 15Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 16Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 17Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 18Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202006C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 18, 2013
14
AAT2138
High Current Step-Down Converter
with High-Precision Programmable Current Limited Load Switch
DATA SHEET
Considering 20% capacitance tolerance, the minimum
capacitance should be 684μF. So select a 680μF tanta-
lum capacitor as CREGIN, as well as an additional 10μF
ceramic capacitor to closely filter the input voltage VREGIN
of the step-down converter on the PCB board.
Input Capacitor Selection
Select a 1μF X7R or X5R ceramic capacitor for the sys-
tem input. To estimate the required input capacitor size,
determine the acceptable input ripple level and solve for
CIN. The calculated value varies with input voltage and is
a maximum when VIN is twice the output voltage.
C
IN =
·
V
OUT
V
IN
1 -
V
OUT
V
IN
f
S
·
V
PP
I
OUT
- ESR
for VIN = 2 · VOUT,
=
·
V
OUT
V
IN
1 -
V
OUT
V
IN
1
4
and
C
IN(MIN) =
1
4 · f
S
·
V
PP
I
OUT
- ESR
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the AAT2138. Low
ESR/ESL X7R and X5R ceramic capacitors are ideal for
this function due to their low ESR and ESL. To minimize
stray parasitic inductance, place the capacitor as close
as possible to the IC. This keeps the high frequency
content of the input current localized, minimizing EMI
and input voltage ripple.
The proper placement of the input capacitor (C1) can be
seen in the evaluation board layout in the Layout section
of this datasheet (see Figure 4).
A laboratory test set-up typically consists of two long
wires running from the bench power supply to the eval-
uation board input voltage pins. The inductance of these
wires, along with the low-ESR ceramic input capacitor,
can create a high Q network that may affect converter
performance. This problem often becomes apparent in
the form of excessive ringing in the output voltage dur-
ing load transients. Errors in the loop phase and gain
measurements can also result.
Feedback Resistor Selection
The output voltage on the AAT2138 is adjustable with
external resistors R1 and R2. To limit the bias current
required for the external feedback resistor string while
maintaining good noise immunity, the minimum sug-
gested value for R2 is 59kΩ. Although a larger value will
further reduce quiescent current, it will also increase the
impedance of the feedback node, making it more sensi-
tive to external noise and interference. The maximum
value of R1 should be below 1Mohm to keep reference
voltage normal and avoid noise coupling.
The external resistor R1, combined with an external
capacitor up to 22pF feed-forward capacitor (C4 in
Figure 3), delivers enhanced transient response for
extreme pulsed load applications and reduces ripple in
light load conditions. The addition of the feed forward
capacitor typically requires a larger output capacitor
C31-C32 for stability. The external resistors set the out-
put voltage according to the following equation:
R1 =
- 1 · R2 =
V
OUT
V
REF
- 1 · R2
V
OUT
0.6V
Table 2 shows the standard 1% metal film resistor
examples for different step-down ouput voltages
VOUT (V)
R2 = 59kΩ,
R1 (kΩ)
3.3
267
3.4
274
3.6
294
3.8
316
Table 2: Resistor Selections for Different Output
Voltage Settings.


Similar Part No. - AAT2138

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
AAT2113AIXS-0.6-T1 ANALOGICTECH-AAT2113AIXS-0.6-T1 Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
AAT2113AIXS-1.2-T1 ANALOGICTECH-AAT2113AIXS-1.2-T1 Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Skyworks Solutions Inc.
AAT2113B SKYWORKS-AAT2113B Datasheet
3Mb / 22P
   3.3MHz, Fast Transient 1.5A Step-Down Converter in an 2mm x 2mm Package
AAT2114A SKYWORKS-AAT2114A Datasheet
2Mb / 16P
   2.5A Low-Noise, Fast Transient 3MHz Step-Down Regulator
More results

Similar Description - AAT2138

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
   28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
   28V Programmable Current-Limited Load Switch
AOZ1360DIL AOSMD-AOZ1360DIL Datasheet
1Mb / 16P
   28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
AOZ1361DI-01 AOSMD-AOZ1361DI-01 Datasheet
828Kb / 12P
   28V Programmable Current-Limited Load Switch
AOZ1361DI AOSMD-AOZ1361DI Datasheet
828Kb / 12P
   28V Programmable Current-Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com