Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4B-PH-K-S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S4B-PH-K-S
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S4B-PH-K-S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S4B-PH-K-S Datasheet HTML 1Page - List of Unclassifed Manufacturers S4B-PH-K-S Datasheet HTML 2Page - List of Unclassifed Manufacturers S4B-PH-K-S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
1.5
5.7
2.85
2.05
Model No.
Applicable wire
mm2
AWG #
Insulation O.D. (mm)
Q'ty /
reel
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SPH-002T-P0.5S
SPH-002T-P0.5L
SPH-004T-P0.5S
0.05 ∼ 0.22
0.08 ∼ 0.22
0.032∼0.08
30∼24
28∼24
32∼28
0.9∼1.5
0.8∼1.5
0.5∼0.9
8,000
10,000
Circuit
No.1
2
1.9
A
B
4.5
0.6
Circuits
Model No.
PHR-2
PHR-3
PHR-4
PHR-5
PHR-6
PHR-7
PHR-8
PHR-9
PHR-10
PHR-11
PHR-12
PHR-13
PHR-14
PHR-15
PHR-16
Dimensions (mm)
Q'ty /
box
AB
Material
PA 66, UL94V-0, natural (white)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
5.8
7.8
9.8
11.8
13.8
15.8
17.8
19.8
21.8
23.8
25.8
27.8
29.8
31.8
33.8
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Top entry type
Top entry type
Side entry type
Side entry type
Q'ty / box
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S2B-PH-K-S
S3B-PH-K-S
S4B-PH-K-S
S5B-PH-K-S
S6B-PH-K-S
S7B-PH-K-S
S8B-PH-K-S
S9B-PH-K-S
S10B-PH-K-S
S11B-PH-K-S
S12B-PH-K-S
S13B-PH-K-S
S14B-PH-K-S
S15B-PH-K-S
S16B-PH-K-S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
5.9
7.9
9.9
11.9
13.9
15.9
17.9
19.9
21.9
23.9
25.9
27.9
29.9
31.9
33.9
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
400
250
250
250
250
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
200
200
B2B-PH-K-S
B3B-PH-K-S
B4B-PH-K-S
B5B-PH-K-S
B6B-PH-K-S
B7B-PH-K-S
B8B-PH-K-S
B9B-PH-K-S
B10B-PH-K-S
B11B-PH-K-S
B12B-PH-K-S
B13B-PH-K-S
B14B-PH-K-S
B15B-PH-K-S
B16B-PH-K-S
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, natural (white)
Circuit No.1
4.5
1.7
B
0.5
2
A
1.95
Circuit
No.1
B
A
1.95
4.5
1.7
0.5
Circuit
No.1
B
4.8
1.7
3.4
0.5
1.95
A
2
PH CONNECTOR
SPH-002T-P0.5S
SPH-002T-P0.5L
SPH-004T-P0.5S
AP-K2N
MKS-L
*MKS-SC
MK/SPH-002-05S
SC/SPH-002-05S
MKS-L
*MKS-SC
MKS-L-10
*MKS-SC-10
MK/SPH-002-05L
SC/SPH-002-05L
MK/SPH-004-05S
SC/SPH-004-05S
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
Crimping
machine
APLMK SPH002-05S
APLSC SPH002-05S
APLMK SPH002-05L
APLSC SPH002-05L
APLMK SPH004-05S
APLSC SPH004-05S
RoHS compliance
Note:
1. Contact JST for gold-plated products.
2. SPH-002T-P0.5L is low-insertion force type contact, for easier insertion/
withdrawal, which would be less resistant to the vibration. The crimp height
is different from the standard.
3. Contact JST for details.
Contact
Housing
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PHR-2-oo-
(blank)…natural (white)
BK…black R…red TR…tomato red BL…blue Y…yellow
L…lemon yellow M…green D…orange N…brown
P…purple PK…pink H…gray LE…light blue
FY…vivid yellow DPK...dark pink
RoHS compliance
Through-hole type shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-PH-K-oo-
S…natural (white)
K…black R…red TR…tomato red
E…blue Y…yellow L…lemon yellow M…green
O…orange N…brown P…purple PK…pink H…gray
LE…light blue FY…vivid yellow (blank)…ivory
Side entry type
Top entry type
(2 circuits)
(3 circuits or more)
Note: *Strip-crimp applicator
2


Similar Part No. - S4B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
S4B-PH-KL JST-S4B-PH-KL Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
S4B-PH-KLC-H JST-S4B-PH-KLC-H Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results

Similar Description - S4B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com