Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GAL22V10D-25LJI Datasheet(PDF) 14 Page - Lattice Semiconductor

Part No. GAL22V10D-25LJI
Description  All Devices Discontinued
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25LJI Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button GAL22V10D-25LJI Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 15Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 16Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 17Page - Lattice Semiconductor GAL22V10D-25LJI Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Specifications GAL22V10
12
GAL22V10D-4 Output Load Conditions (see figure below)
Test Condition
R1
CL
A50Ω
50pF
B
Z to Active High at 1.9V
50Ω
50pF
Z to Active Low at 1.0V
50Ω
50pF
C
Active High to Z at 1.9V
50Ω
50pF
Active Low to Z at 1.0V
50Ω
50pF
Input Pulse Levels
GND to 3.0V
Input Rise and
D-4/-5/-7
1.5ns 10% – 90%
Fall Times
D-10/-15/-20/-25
2.0ns 10% – 90%
Input Timing Reference Levels
1.5V
Output Timing Reference Levels
1.5V
Output Load
See Figure
3-state levels are measured 0.5V from steady-state active
level.
TEST POINT
C *
L
FROM OUTPUT (O/Q)
UNDER TEST
+5V
*C L INCLUDES TEST FIXTURE AND PROBE CAPACITANCE
R2
R1
Output Load Conditions (except D-4) (see figure below)
Test Condition
R1
R2
CL
A
300Ω
390Ω
50pF
B
Active High
390Ω
50pF
Active Low
300Ω
390Ω
50pF
C
Active High
390Ω
5pF
Active Low
300Ω
390Ω
5pF
TEST POINT
Z0 = 50Ω, CL*
FROM OUTPUT (O/Q)
UNDER TEST
+1.45V
R1
Switching Test Conditions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn