Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20073 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP20073
Description  2A, 1.3V.6.0V DDR Memory Termination Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20073 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP20073 Datasheet HTML 1Page - Monolithic Power Systems MP20073 Datasheet HTML 2Page - Monolithic Power Systems MP20073 Datasheet HTML 3Page - Monolithic Power Systems MP20073 Datasheet HTML 4Page - Monolithic Power Systems MP20073 Datasheet HTML 5Page - Monolithic Power Systems MP20073 Datasheet HTML 6Page - Monolithic Power Systems MP20073 Datasheet HTML 7Page - Monolithic Power Systems MP20073 Datasheet HTML 8Page - Monolithic Power Systems MP20073 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP20073 – 2A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR
MP20073 Rev. 1.0
www.MonolithicPower.com
3
10/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDRV = 3.3V, TA = +25
oC, unless otherwise noted.
Parameters
Symbol
Test Condition
Min
Typ
Max
Unit
VDRV Operating Voltage
VDRV
-
3
3.3
5
V
VDRV Shut down current
IDRV_SD
VDRV =3.3 V, VDDQ=0V
-
0.2
1.0
A
VDRV Operation Current
IDRV
VEN_H, VTT=0.75V
1.3
3
mA
Thermal Trip Point
TSD
-
150
-
oC
Hysteresis
TSDHYS
-
25
-
oC
VDDQ
UVLO
Upper
Threshold
VDDQUV+ Rising Edge; hysteresis = 55mV
-
0.9
1.3
V
1/2VREF – VTT, VREF = 1.8V,
IVTT = 0 to 2A (Sink Current)
IVTT = 0 to 2A (Source Current)
-30
-30
-
-
30
30
mV
VTT with Respect to 1/2VREF
dVTT0
1/2VREF – VTT, VREF = 1.5V,
IVTT = 0 to 2.5A (Sink Current)
IVTT = 0 to 2.5A (Source Current)
-30
-30
-
-
30
30
mV
Source Current Limit
ILIMVTsrc -
-
3.0
-
A
Sink Current Limit
ILIMVTsnk -
-
3.0
-
A
Soft−Start
Source
Current
Limit
ILIMVTSS -
-
1.0
-
A
VREF=1.8, VDRV=3.3V
-
9
-
Maximum Soft−Start Time
tssvttmax
VREF=1.5V, VDRV=3.3V
-
7
us
VTTREF Source Current
IVTTR
VREF = 1.8 V or 1.5 V
10
-
-
mA
1/2VREF – VTTR,
VREF = 1.8 V,
IVTTR = 0 mA to 10 mA
-18
-
18
mV
VTTREF Accuracy Referred
to 1/2VREF
dVTTR
1/2VREF – VTTR,
VREF = 1.5 V,
IVTTR = 0 mA to 10 mA
-15
-
15
mV
VEN Pin Threshold High
VEN_H
-
1.4
-
-
V
VEN Pin Threshold Low
VEN_L
-
-
-
0.5
V
VEN Pin Input Current
IIN_VEN
VEN = 3.3 V
-
-
1.0
A


Similar Part No. - MP20073

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20073DH MPS-MP20073DH Datasheet
150Kb / 4P
   2A, 1.30V ??6.0V DDR Memory VTT Termination Regulator
More results

Similar Description - MP20073

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPQ20073 MPSIND-MPQ20073 Datasheet
415Kb / 12P
   2A, 1.3V–6.0V DDR Memory Termination Regulator AEC-Q100 Qualified
Rev. 1.01 4/23/2019
logo
Monolithic Power System...
EV20073DH-00A MPS-EV20073DH-00A Datasheet
150Kb / 4P
   2A, 1.30V ??6.0V DDR Memory VTT Termination Regulator
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
logo
Silicon Standard Corp.
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302L BCDSEMI-AP2302L Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
AP2302L BCDSEMI-AP2302L_06 Datasheet
140Kb / 12P
   2A DDR TERMINATION REGULATOR
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com