Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAP-12V-S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PAP-12V-S
Description  PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAP-12V-S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PAP-12V-S Datasheet HTML 5Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 6Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 7Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 8Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 9Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 10Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 11Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 12Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
69
PA FAMILY SERIES /PA CONNECTOR (Crimp style Retainer mountable type)
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
8.4(.331)
2.85(.112)
1.3
(.051)
Model No.
Applicable wire
Insulation O.D. mm(in.)
Material and Finish
Q'ty /
reel
Phosphor bronze, tin-plated
SPA-001T-P0.5
0.13 to 0.33
26 to 22
0.9 to 1.5(.035 to .059)
10,000
mm2
AWG #
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
A
B
7.2(.283)
Circuit No.1
A
B
2.0(.079)
Circuit No.1
7.2(.283)
A
B
7.2(.283)
Circuit No.1
A
B
2.0(.079)
2.0(.079)
7.2(.283)
Circuit No.1
A
B
2.0(.079)
7.2(.283)
Circuit No.1
B
A
2.0(.079)
Circuit No.1
7.2(.283)
Q'ty /
bag
Circuits
Model No.
Material
Nylon 66, UL94V-0, natural (white)
AB
Dimensions mm(in.)
2
3
4
5
6
7
8
9
10
15
PARP-02V
PARP-03V
PARP-04V
PARP-05V
PARP-06V
PARP-07V
PARP-08V
PARP-09V
PARP-10V
PARP-15V
2.0( .079)
4.0( .157)
6.0( .236)
8.0( .315)
10.0( .394)
12.0( .472)
14.0( .551)
16.0( .630)
18.0( .709)
28.0(1.102)
5.4( .213)
7.4( .291)
9.4( .370)
11.4( .449)
14.0( .551)
16.0( .630)
18.0( .709)
20.0( .787)
22.0( .866)
32.0(1.260)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
(2
circuits)
(4
circuits)
(3
circuits)
(5
circuits)
(6 to 9
circuits)
(10, 15
circuits)
Note: PARP-15V is not CSA approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PARP-02V-oo-
(blank)…natural (white)
R…red E…blue Y…yellow M…green


Similar Part No. - PAP-12V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAP-12V-S ETC1-PAP-12V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-12V-S ETC2-PAP-12V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-12V-S ETC2-PAP-12V-S Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
PAP-12V-S JST-PAP-12V-S Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PAP-12V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
XAF JST-XAF Datasheet
73Kb / 3P
   2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
logo
List of Unclassifed Man...
PALR-03VF ETC2-PALR-03VF Datasheet
330Kb / 12P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
S02B-PASK-2 ETC2-S02B-PASK-2 Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
List of Unclassifed Man...
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com