Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY86-12 Datasheet(PDF) 3 Page - Alpha Industries

Part # HY86-12
Description  90 Degree Hybrid 0.82-0.90 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

HY86-12 Datasheet(HTML) 3 Page - Alpha Industries

  HY86-12 Datasheet HTML 1Page - Alpha Industries HY86-12 Datasheet HTML 2Page - Alpha Industries HY86-12 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
90 Degree Hybrid 0.82–0.90 GHz
HY86-12
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 3/99A
Characteristic
Value
Input Power1
+4 W
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Electrostatic Discharge
+125 V
Absolute Maximum Ratings
1. Exceeding these parameters may cause irreversible damage.
Recommended Board Layout
0.1630
0.0282
0.0180
TYP.
0.0424
0.0200 DIA.
VIA 12 PLACES
SOIC-8
0.049
(1.24 mm)
0.016
(0.41 mm)
0.016 MAX.
(0.41 mm) x
45˚ CHAMFER
PIN 1
0.197 (5.00 mm)
0.189 (4.80 mm)
0.068
(1.73 mm) MAX.
0.010 (0.25 mm)
0.004 (0.10 mm)
0.010 (0.25 mm)
0.007 (0.17 mm)
0.158 (4.00 mm)
0.150 (3.80 mm)
MAX.
0.020 (0.51 mm) MAX.
0.244 (6.20 mm)
0.228 (5.80 mm)
0.050 (1.27 mm) BSC
PIN 8
PIN 1
INDICATOR
Materials 10 mil FR-4.
Dimensions are in inches.


Similar Part No. - HY86-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
HY86-12 SKYWORKS-HY86-12 Datasheet
140Kb / 4P
   90-Degree Hybrid 0.82-0.90 GHz
HY86-12LF SKYWORKS-HY86-12LF Datasheet
140Kb / 4P
   90-Degree Hybrid 0.82-0.90 GHz
More results

Similar Description - HY86-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
HY86-12 SKYWORKS-HY86-12 Datasheet
140Kb / 4P
   90-Degree Hybrid 0.82-0.90 GHz
logo
Yantel Corporation
HC2150U03-040 YANTEL-HC2150U03-040 Datasheet
735Kb / 4P
   90 Degree Hybrid 2.05 GHz-2.25 GHz
HC1150U03-190 YANTEL-HC1150U03-190 Datasheet
1Mb / 5P
   90 Degree Hybrid 1.12 GHz-1.26 GHz
HC2500U03-055 YANTEL-HC2500U03-055 Datasheet
401Kb / 5P
   90 Degree Hybrid 2.30 GHz-2.65 GHz
HC3550U03-060 YANTEL-HC3550U03-060 Datasheet
765Kb / 4P
   90 Degree Hybrid 3.30 GHz-3.80 GHz
HC2500U03-050 YANTEL-HC2500U03-050 Datasheet
746Kb / 4P
   90 Degree Hybrid 2.30 GHz-2.65 GHz
HC1850U03-030 YANTEL-HC1850U03-030 Datasheet
756Kb / 4P
   90 Degree Hybrid 1.75 GHz-1.95 GHz
logo
Alpha Industries
HY17-12 ALPHA-HY17-12 Datasheet
50Kb / 3P
   90 Degree Hybrid 1.71-1.88 GHz
HY22-73 ALPHA-HY22-73 Datasheet
102Kb / 3P
   90 Degree Hybrid 2.1-2.3 GHz
HY19-12 ALPHA-HY19-12 Datasheet
49Kb / 3P
   90 Degree Hybrid 1.85-1.99 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com