Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128VE-100LB100 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI2128VE-100LB100
Description  3.3V In-System Programmable SuperFAST??High Density PLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VE-100LB100 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI2128VE-100LB100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2128VE-100LB100 Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Specifications ispLSI 2128VE
10
Power Consumption
Power consumption in the ispLSI 2128VE device de-
pends on two primary factors: the speed at which the
device is operating and the number of Product Terms
used. Figure 3 shows the relationship between power
and operating speed.
Figure 3. Typical Device Power Consumption vs fmax
0127/2128VE
ICC can be estimated for the ispLSI 2128VE using the following equation:
ICC = 8 + (# of PTs * 0.669) + (# of nets * max freq * 0.0026)
Where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max freq = Highest Clock Frequency to the device (in MHz)
The ICC estimate is based on typical conditions (VCC = 3.3V, room temperature) and an assumption
of two GLB loads on average exists. These values are for estimates only. Since the value of ICC is
sensitive to operating conditions and the program in the device, the actual ICC should be verified.
150
100
250
050
100
150
200
250
fmax (MHz)
Notes: Configuration of eight 16-bit counters
Typical current at 3.3V, 25¡ C
300
350
200
ispLSI 2128VE


Similar Part No. - ISPLSI2128VE-100LB100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128VE-100LB100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com