Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPND-001T-C0.5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPND-001T-C0.5
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPND-001T-C0.5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPND-001T-C0.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPND-001T-C0.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPND-001T-C0.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
1
PNI CONNECTOR
2.0mm pitch/Disconnectable Crimp style connectors
(6.65)
A
1.4
±0.05
±0.05
φ1.1
+0.1
φ0.7
+0.1
0
0
2
±0.05
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. Hole dimensions differ according to the kind of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.
This is a 2.0mm pitch wire-to-board
connector, having incomplete mating
prevention mechanism.
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC (AWG#22)
• Voltage rating: 100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m
Ω max.
After environmental testing/ 20m
Ω max.
• Insulation resistance: 1,000M
Ω min.
• Withstanding voltage: 800V AC/minute
• Applicable wire: AWG #28 to #22
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards–––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
• Inertial lock structure
• Finger-friendly design
• Secure locking structure


Similar Part No. - SPND-001T-C0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
232Kb / 8P
   Crimping tools and machines
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
More results

Similar Description - SPND-001T-C0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com