Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI5384VE-125LF256I Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI5384VE-125LF256I
Description  In-System Programmable 3.3V SuperWIDE??High Density PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5384VE-125LF256I Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI5384VE-125LF256I Datasheet HTML 1Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 2Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 3Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 4Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 5Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI5384VE-125LF256I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Specifications ispLSI 5384VE
5
Figure 3. ispLSI 5000VE Generic Logic Block (GLB)
0 12
66 67
Macrocell 0
PT 160
Macrocell 1
Macrocell 15
Macrocell 31
PT 9
PT 8
PT 7
PT 6
PT 5
PT 0
PT 1
PT 2
PT 3
PT 4
PT 79
PT 78
PT 77
PT 76
PT 75
PT 159
PT 158
PT 157
PT 156
PT 155
Shared PT Clock
Global PTOE 0 ... 3
4
Shared PT Clock
Global PTOE 0 ... 3
4
Shared PT Clock
Global PTOE 0 ... 3
4
To I/O Pad
Shared PT Clock
Global PTOE 0 ... 3
4
From GRP
PTSA
Global PTOE Bus
From PTSA
From PTSA
From PTSA
From PTSA
PT 161
PT 162
Shared PT Reset
Shared PT Reset
Shared PT Reset
Shared PT Reset
PTSA bypass
PT Clock
PT Preset
PT Reset
PTOE
PTSA bypass
PT Clock
PT Preset
PT Reset
PTOE
PTSA bypass
PT Clock
PT Preset
PT Reset
PTOE
PTSA bypass
PT Clock
PT Preset
PT Reset
PTOE
To GRP
To I/O Pad
To GRP
To I/O Pad
To GRP
To I/O Pad
To GRP


Similar Part No. - ISPLSI5384VE-125LF256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5384VE LATTICE-ISPLSI5384VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
More results

Similar Description - ISPLSI5384VE-125LF256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256V LATTICE-5256V Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com