Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE40HX1K-VQ100 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ICE40HX1K-VQ100
Description  iCE40??HX-Series Ultra Low-Power FPGA Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40HX1K-VQ100 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ICE40HX1K-VQ100 Datasheet HTML 1Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 2Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 3Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 4Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 5Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 6Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 7Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 8Page - Lattice Semiconductor ICE40HX1K-VQ100 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
iCE40 HX-Series Ultra-Low Power Family
Lattice Semiconductor Corporation
(1.32, 03-OCT-2012)
www.latticesemi.com/
5
Differential Inputs
Figure 3: Differential Input Specifications
VCCIO_3
DPxxB
DPxxA
iC40 Differential
Input
GND
VID
VICM
50%
VIN_B
VIN_A
Input common mode voltage
Differential
input voltage
Input common mode voltage:
Differential input voltage:
|
|
Table 6: Recommended Operating Conditions for Differential Inputs
I/O
Standard
VCCIO_3 (V)
VID (mV)
VICM (V)
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
LVDS
2.38
2.50
2.63
250
350
450
SubLVDS
1.71
1.80
1.89
100
150
200
Differential Outputs
Figure 4: Differential Output Specifications
iC40 Differential
Output Pair
RP
RS
RS
GND
VOD
VOCM
50%
VOUT_B
VOUT_A
Output common mode voltage
Differential
output voltage
VCCIO_x
1%
Output common mode voltage:
Differential output voltage:
|
|
Table 7: Recommended Operating Conditions for Differential Outputs
I/O
Standard
VCCIO_x (V)
Ω
VOD (mV)
VOCM (V)
Min
Nom
Max
RS
RP
Min
Nom
Max
Min
Nom
Max
LVDS
2.38
2.50
2.63
150
140
300
350
400
SubLVDS
1.71
1.80
1.89
270
120
100
150
200


Similar Part No. - ICE40HX1K-VQ100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
More results

Similar Description - ICE40HX1K-VQ100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Lattice Semiconductor
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
XC3S50 XILINX-XC3S50_08 Datasheet
5Mb / 216P
   Spartan-3 FPGA Family
XC3S50 XILINX-XC3S50_05 Datasheet
1Mb / 198P
   Spartan-3 FPGA Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com