Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425A Datasheet(PDF) 69 Page - Microsemi Corporation

Part # A1425A
Description  Accelerator Series FPGAs ??ACT 3 Family
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1425A Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button A1425A Datasheet HTML 65Page - Microsemi Corporation A1425A Datasheet HTML 66Page - Microsemi Corporation A1425A Datasheet HTML 67Page - Microsemi Corporation A1425A Datasheet HTML 68Page - Microsemi Corporation A1425A Datasheet HTML 69Page - Microsemi Corporation A1425A Datasheet HTML 70Page - Microsemi Corporation A1425A Datasheet HTML 71Page - Microsemi Corporation A1425A Datasheet HTML 72Page - Microsemi Corporation A1425A Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Accelerator Series FPGAs – ACT 3 Family
R e visio n 3
3 - 17
Notes:
1. All unlisted pin numbers are user I/Os.
2. NC denotes no connection.
3. MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be
terminated directly to GND.
CQ196
Pin Number
A1460 Function
1GND
2SDI, I/O
11
MODE
12
VCC
13
GND
37
GND
38
VCC
39
VCC
51
GND
52
GND
59
VCC
64
GND
77
HCLK, I/O
79
PRB, I/O
86
GND
94
VCC
98
GND
99
SDO
100
IOPCL, I/O
101
GND
110
VCC
111
VCC
112
GND
137
VCC
138
GND
139
GND
140
VCC
148
IOCLK, I/O
149
GND
155
VCC
162
GND
172
CLKA, I/O
173
CLKB, I/O
174
PRA, I/O
183
GND
189
VCC
193
GND
196
DCLK, I/O
CQ196
Pin Number
A1460 Function


Similar Part No. - A1425A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1425A-1CQ256B ACTEL-A1425A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-1CQ256C ACTEL-A1425A-1CQ256C Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-1CQ256E ACTEL-A1425A-1CQ256E Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1425A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com