Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425A Datasheet(PDF) 41 Page - Microsemi Corporation

Part # A1425A
Description  Accelerator Series FPGAs ??ACT 3 Family
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1425A Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button A1425A Datasheet HTML 37Page - Microsemi Corporation A1425A Datasheet HTML 38Page - Microsemi Corporation A1425A Datasheet HTML 39Page - Microsemi Corporation A1425A Datasheet HTML 40Page - Microsemi Corporation A1425A Datasheet HTML 41Page - Microsemi Corporation A1425A Datasheet HTML 42Page - Microsemi Corporation A1425A Datasheet HTML 43Page - Microsemi Corporation A1425A Datasheet HTML 44Page - Microsemi Corporation A1425A Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
Accelerator Series FPGAs – ACT 3 Family
R e visio n 3
2 - 33
A1440A, A14V40A Timing Characteristics (continued)
Table 2-29 • A1440A, A14V40A Worst-Case Commercial Conditions, VCC = 4.75 V, TJ = 70°C
Dedicated (hardwired) I/O Clock Network
–3 Speed1 –2 Speed1 –1 Speed Std. Speed 3.3 V Speed1 Units
Parameter/Description
Min. Max. Min. Max. Min. Max. Min. Max. Min.
Max.
tIOCKH
Input Low to High (pad to I/O module
input)
2.0
2.3
2.6
3.0
3.5
ns
tIOPWH
Minimum Pulse Width High
1.9
2.4
3.3
3.8
4.8
ns
tIPOWL
Minimum Pulse Width Low
1.9
2.4
3.3
3.8
4.8
ns
tIOSAPW Minimum Asynchronous Pulse Width
1.9
2.4
3.3
3.8
4.8
ns
tIOCKSW Maximum Skew
0.4
0.4
0.4
0.4
0.4
ns
tIOP
Minimum Period
4.0
5.0
6.8
8.0
10.0
ns
fIOMAX
Maximum Frequency
250
200
150
125
100
MHz
Dedicated (hardwired) Array Clock
tHCKH
Input Low to High (pad to S-module
input)
3.0
3.4
3.9
4.5
5.5
ns
tHCKL
Input High to Low (pad to S-module
input)
3.0
3.4
3.9
4.5
5.5
ns
tHPWH
Minimum Pulse Width High
1.9
2.4
3.3
3.8
4.8
ns
tHPWL
Minimum Pulse Width Low
1.9
2.4
3.3
3.8
4.8
ns
tHCKSW
Delta High to Low, Low Slew
0.3
0.3
0.3
0.3
0.3
ns
tHP
Minimum Period
4.0
5.0
6.8
8.0
10.0
ns
fHMAX
Maximum Frequency
250
200
150
125
100
MHz
Routed Array Clock Networks
tRCKH
Input Low to High (FO = 64)
3.7
4.1
4.7
5.5
9.0
ns
tRCKL
Input High to Low (FO = 64)
4.0
4.5
5.1
6.0
9.0
ns
tRPWH
Min. Pulse Width High (FO = 64)
3.3
3.8
4.2
4.9
6.5
ns
tRPWL
Min. Pulse Width Low (FO = 64)
3.3
3.8
4.2
4.9
6.5
ns
tRCKSW
Maximum Skew (FO = 128)
0.7
0.8
0.9
1.0
1.0
ns
tRP
Minimum Period (FO = 64)
6.8
8.0
8.7
10.0
13.4
ns
fRMAX
Maximum Frequency (FO = 64)
150
125
115
100
75
MHz
Clock-to-Clock Skews
tIOHCKSW I/O Clock to H-Clock Skew
0.0
1.7
0.0
1.8
0.0
2.0
0.0
2.2
0.0
3.0
ns
tIORCKSW I/O Clock to R-Clock Skew (FO = 64)
(FO = 144)
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
3.0
3.0
ns
tHRCKSW H-Clock to R-Clock Skew (FO = 64)
(FO = 144)
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
ns
Notes:
1. The –2 and –3 speed grades have been discontinued. Refer to PDN 0104, PDN 0203, PDN 0604, and PDN 1004 at
http://www.microsemi.com/soc/support/notifications/default.aspx#pdn.
2. Delays based on 35 pF loading.


Similar Part No. - A1425A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1425A-1CQ256B ACTEL-A1425A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-1CQ256C ACTEL-A1425A-1CQ256C Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-1CQ256E ACTEL-A1425A-1CQ256E Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1425A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com