Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30M85BVRG Datasheet(PDF) 10 Page - Microsemi Corporation

Part # APT30M85BVRG
Description  Power Semiconductors Power Modules
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30M85BVRG Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button APT30M85BVRG Datasheet HTML 6Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 7Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 8Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 9Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 10Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 11Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 12Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 13Page - Microsemi Corporation APT30M85BVRG Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
BV
DSS
R
DS(ON)
I
D(Cont)
Package
Volts
Ohms
Amps
Part Number
Style
900
0.120
36
APT36N90BC3G
TO-247
0.450
11
APT11N80KC3G
TO-220
0.450
11
APT11N80BC3G
TO-247
800
0.145
34
APT34N80B2C3G
T-MAX® or TO-264
0.145
34
APT34N80LC3G
TO-264
650
0.035
94
APT94N65B2C3G
T-MAX® or TO-264
0.070
47
APT47N65BC3G
TO-247 or D3
0.070
47
APT47N60BC3G
TO-247 or D3
600
0.035
77
APT77N60JC3
ISOTOP®
0.042
94
APT94N60L2C3G
264-MAX™
0.045
60
APT60N60BCSG
TO-247 or D3 or T/R
0.041
77
APT77N60BC6
TO-247 or D3
0.070
53
APT53N60BC6
TO-247 or D3
600
0.099
38
APT38N60BC6
TO-247 or D3
0.125
30
APT30N60KC6
TO-220
0.125
30
APT30N60BC6
TO-247 or D3
0.035
106
APT106N60B2C6
T-MAX™ or T0-264
650
0.041
85
APT97N65B2C6
T-MAX™ or T0-264
0.035
94
APT94N65B2C6
T-MAX™
Datasheets available on www.microsemi.com
All Products RoHS Compliant
BV
DSS
R
DS(ON)
I
D(Cont)
SOA
Volts
Ohms
Amps
Watts
Part Number
Package Style
1000
0.600
18
325
APL1001J
600
0.125
49
325
APL602B2G
0.125
43
325
APL602J
500
0.090
58
325
APL502B2G
0.090
52
325
APL502J
D3 PAK[S]
TO-268
TO-247[B]
TO-264[L]
ISOTOP®[J]
SOT-227
(ISOLATED BASE)
T-MAX®[B2]
TO-220[K]
ISOTOP®[J]
SOT-227
(ISOLATED BASE)
TO-264[L]
T-MAX®[B2]
264-MAX™ [L2]
C3 TECHNOLOGY
SERVER SERIES
Part Numbers for TO-264 packages - replace ”B2” with “L” in part number
What is a Linear MOSFET?
A MOSFET specifically designed to be more robust than a standard MOSFET when
operated with both high voltage and high current near DC conditions (>100msecs).
The Problem with SMPS MOSFETs
MOSFETs optimized for high frequency SMPS applications have poor high voltage DC
SOA. Most SMPS type MOSFETs over-state SOA capability at high voltage on the data sheets.
Above ~30V and DC conditions, SOA drops faster than is indicated by P
D limited operation.
For pulsed loads (t<10ms) there is generally no problem using a standard MOSFET.
Technology Innovation
Introduced in 1999, Microsemi modified its proprietary patented self-aligned metal gate
MOSFET technology for enhanced performance in high voltage, linear applications. These Linear
MOSFETs typically provide 1.5-2.0 times the DC SOA capability at high voltage compared to
other MOSFET technologies optimized for switching applications.
Designers will need Linear MOSFETs when…
Typical Applications…
loads for testing power supplies, batteries, fuel cells, etc.
COOLMOSTM MOSFETs
Linear MOSFETs
C6 TECHNOLOGY
NEW!
“COOLMOS” comprise a new family of transistors developed by Infineon Technologies AG.
“COOLMOS” is a trademark of Infineon Technologies AG”


Similar Part No. - APT30M85BVRG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT30M85BVRG ISC-APT30M85BVRG Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT30M85BVRG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT5014BLLG MICROSEMI-APT5014BLLG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT30M70BVFRG MICROSEMI-APT30M70BVFRG Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
logo
National Semiconductor ...
AN-2052 NSC-AN-2052 Datasheet
159Kb / 4P
   National Semiconductors Simple Switcher짰 Power Modules and EMI
logo
Seme LAB
SML100HB06 SEME-LAB-SML100HB06 Datasheet
639Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12 SEME-LAB-SML300HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML150FB12 SEME-LAB-SML150FB12 Datasheet
629Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB06 SEME-LAB-SML400HB06 Datasheet
650Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB06 SEME-LAB-SML300HB06 Datasheet
635Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB01MF SEME-LAB-SML400HB01MF Datasheet
652Kb / 9P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com