Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA075 Datasheet(PDF) 48 Page - Microsemi Corporation

Part # APA075
Description  ProASICPLUS Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA075 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button APA075 Datasheet HTML 44Page - Microsemi Corporation APA075 Datasheet HTML 45Page - Microsemi Corporation APA075 Datasheet HTML 46Page - Microsemi Corporation APA075 Datasheet HTML 47Page - Microsemi Corporation APA075 Datasheet HTML 48Page - Microsemi Corporation APA075 Datasheet HTML 49Page - Microsemi Corporation APA075 Datasheet HTML 50Page - Microsemi Corporation APA075 Datasheet HTML 51Page - Microsemi Corporation APA075 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 44
v5.2
Output Buffer Delays
Figure 1-27 • Output Buffer Delays
Table 1-29 • Worst-Case Commercial Conditions
VDDP = 3.0 V, VDD = 2.3 V, 35 pF load, TJ = 70°C
Macro Type
Description
Max tDLH
1
Max tDHL
2
Units
Std.
–F
Std.
–F
OB33PH
3.3 V, PCI Output Current, High Slew Rate
2.0
2.4
2.2
2.6
ns
OB33PN
3.3 V, High Output Current, Nominal Slew Rate
2.2
2.6
2.9
3.5
ns
OB33PL
3.3 V, High Output Current, Low Slew Rate
2.5
3.0
3.2
3.9
ns
OB33LH
3.3 V, Low Output Current, High Slew Rate
2.6
3.1
4.0
4.8
ns
OB33LN
3.3 V, Low Output Current, Nominal Slew Rate
2.9
3.5
4.3
5.2
ns
OB33LL
3.3 V, Low Output Current, Low Slew Rate
3.0
3.6
5.6
6.7
ns
Notes:
1. tDLH = Data-to-Pad High
2. tDHL = Data-to-Pad Low
3. All –F parts are only available as commercial.
Table 1-30 • Worst-Case Commercial Conditions
VDDP = 2.3 V, VDD = 2.3 V, 35 pF load, TJ = 70°C
Macro Type
Description
Max tDLH
1
Max tDHL
2
Units
Std.
–F
Std.
–F
OB25LPHH
2.5 V, Low Power, High Output Current, High Slew Rate3
2.0
2.4
2.1
2.6
ns
OB25LPHN
2.5 V, Low Power, High Output Current, Nominal Slew Rate3
2.4
2.9
3.0
3.6
ns
OB25LPHL
2.5 V, Low Power, High Output Current, Low Slew Rate3
2.9
3.5
3.2
3.8
ns
OB25LPLH
2.5 V, Low Power, Low Output Current, High Slew Rate3
2.7
3.3
4.6
5.5
ns
OB25LPLN
2.5 V, Low Power, Low Output Current, Nominal Slew Rate3
3.5
4.2
4.2
5.1
ns
OB25LPLL
2.5 V, Low Power, Low Output Current, Low Slew Rate3
4.0
4.8
5.3
6.4
ns
Notes:
1. tDLH = Data-to-Pad High
2. tDHL = Data-to-Pad Low
3. Low-power I/Os work with VDDP=2.5 V ±10% only. VDDP=2.3 V for delays.
4. All –F parts are only available as commercial.
PAD
A
50%
PAD
VOL
V
OH
50%
t
DLH
50%
50%
t
DHL
35pF
A
OBx


Similar Part No. - APA075

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075 ACTEL-APA075 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA075 ACTEL-APA075 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA075 ACTEL-APA075 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA075 MICROSEMI-APA075 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA075 ACTEL-APA075 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA075

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
APA075-PQ208 ACTEL-APA075-PQ208 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
APA450-BGG456 ACTEL-APA450-BGG456 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA450-FG256A ACTEL-APA450-FG256A Datasheet
363Kb / 10P
   ProASICPLUS짰 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com