Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 13 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 13 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
15
11
mlcc02_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Class1【SL characteristic】
Class1【RH characteristic】
Class1【S△ characteristic】
Class1【T△ characteristic】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 SL121JV
SL
120
±5%
1000
0.5±0.05
R
200%
UMK105 SL151JV
SL
150
±5%
1000
0.5±0.05
R
200%
UMK105 SL181JV
SL
180
±5%
1000
0.5±0.05
R
200%
UMK105 SL221JV
SL
220
±5%
1000
0.5±0.05
R
200%
UMK105 SL271JV
SL
270
±5%
1000
0.5±0.05
R
200%
UMK105 SL331JV
SL
330
±5%
1000
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 RH5R6JW
RH
5.6
±5%
512
0.5±0.05
R
200%
UMK105 RH6R8JW
RH
6.8
±5%
536
0.5±0.05
R
200%
UMK105 RH8R2JW
RH
8.2
±5%
564
0.5±0.05
R
200%
UMK105 RH100JW
RH
10
±5%
600
0.5±0.05
R
200%
UMK105 RH120JW
RH
12
±5%
640
0.5±0.05
R
200%
UMK105 RH150JW
RH
15
±5%
700
0.5±0.05
R
200%
UMK105 RH180JW
RH
18
±5%
760
0.5±0.05
R
200%
UMK105 RH200JW
RH
20
±5%
800
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 SK0R5BW
SK
0.5
±0.1pF
410
0.5±0.05
R
200%
UMK105 SK010BW
SK
1
±0.1pF
420
0.5±0.05
R
200%
UMK105 SK1R2BW
SK
1.2
±0.1pF
424
0.5±0.05
R
200%
UMK105 SK1R5BW
SK
1.5
±0.1pF
430
0.5±0.05
R
200%
UMK105 SK1R8BW
SK
1.8
±0.1pF
436
0.5±0.05
R
200%
UMK105 SK2R2JW
SK
2.2
±5%
444
0.5±0.05
R
200%
UMK105 SK2R7JW
SK
2.7
±5%
454
0.5±0.05
R
200%
UMK105 SJ3R3JW
SJ
3.3
±5%
466
0.5±0.05
R
200%
UMK105 SJ3R9JW
SJ
3.9
±5%
478
0.5±0.05
R
200%
UMK105 SH4R7JW
SH
4.7
±5%
494
0.5±0.05
R
200%
UMK105 SH5R6JW
SH
5.6
±5%
512
0.5±0.05
R
200%
UMK105 SH6R8JW
SH
6.8
±5%
536
0.5±0.05
R
200%
UMK105 SH8R2JW
SH
8.2
±5%
564
0.5±0.05
R
200%
UMK105 SH100JW
SH
10
±5%
600
0.5±0.05
R
200%
UMK105 SH120JW
SH
12
±5%
640
0.5±0.05
R
200%
UMK105 SH150JW
SH
15
±5%
700
0.5±0.05
R
200%
UMK105 SH180JW
SH
18
±5%
760
0.5±0.05
R
200%
UMK105 SH200JW
SH
20
±5%
800
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 TK0R5BW
TK
0.5
±0.1pF
410
0.5±0.05
R
200%
UMK105 TK010BW
TK
1
±0.1pF
420
0.5±0.05
R
200%
UMK105 TK1R2BW
TK
1.2
±0.1pF
424
0.5±0.05
R
200%
UMK105 TK1R5BW
TK
1.5
±0.1pF
430
0.5±0.05
R
200%
UMK105 TK1R8BW
TK
1.8
±0.1pF
436
0.5±0.05
R
200%
UMK105 TK2R2JW
TK
2.2
±5%
444
0.5±0.05
R
200%
UMK105 TK2R7JW
TK
2.7
±5%
454
0.5±0.05
R
200%
UMK105 TK3R3JW
TK
3.3
±5%
466
0.5±0.05
R
200%
UMK105 TK3R9JW
TK
3.9
±5%
478
0.5±0.05
R
200%
UMK105 TJ4R7JW
TJ
4.7
±5%
494
0.5±0.05
R
200%
UMK105 TJ5R6JW
TJ
5.6
±5%
512
0.5±0.05
R
200%
UMK105 TJ6R8JW
TJ
6.8
±5%
536
0.5±0.05
R
200%
UMK105 TJ8R2JW
TJ
8.2
±5%
564
0.5±0.05
R
200%
UMK105 TJ100JW
TJ
10
±5%
600
0.5±0.05
R
200%
UMK105 TJ120JW
TJ
12
±5%
640
0.5±0.05
R
200%
UMK105 TJ150JW
TJ
15
±5%
700
0.5±0.05
R
200%
UMK105 TJ180JW
TJ
18
±5%
760
0.5±0.05
R
200%
UMK105 TJ200JW
TJ
20
±5%
800
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn