Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
7
11
mlcc01_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
【Temperature Characteristic B7:X7R】
・1.25mm thickness(G)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 B7104□G
X7R
0.1
±10, ±20
3.5
1.25±0.1
R/W
200%
UMK212 B7224□G
X7R
0.22
±10, ±20
3.5
1.25±0.1
R/W
150%
UMK212 B7474□G
X7R
0.47
±10, ±20
3.5
1.25±0.1
R/W
150%
UMK212 B7105□G
X7R
1
±10, ±20
10
1.25±0.1
R/W
150%
35V
GMK212 B7105□G
X7R
1
±10, ±20
3.5
1.25±0.1
R/W
150%
25V
TMK212 B7105□G
X7R
1
±10, ±20
3.5
1.25±0.1
R/W
150%
TMK212 B7225□G
X7R
2.2
±10, ±20
10
1.25±0.1
R
150%
R
TMK212 B7475□G
TMK212AB7475□G
X7R
4.7
±10, ±20
10
1.25+0.15/-0.05
R
150%
D
16V
EMK212 B7105□G
X7R
1
±10, ±20
3.5
1.25±0.1
R/W
200%
EMK212 B7225□G
X7R
2.2
±10, ±20
10
1.25±0.1
R
150%
EMK212 B7475□G
X7R
4.7
±10, ±20
10
1.25±0.1
R
150%
10V
LMK212 B7105□G
X7R
1
±10, ±20
3.5
1.25±0.1
R/W
200%
LMK212 B7225□G
X7R
2.2
±10, ±20
5
1.25±0.1
R
200%
LMK212 B7475□G
X7R
4.7
±10, ±20
10
1.25±0.1
R
150%
LMK212 B7106MG
LMK212AB7106MG
X7R
10
±20
10
1.25+0.15/-0.05
R
150%
D
6.3V
JMK212 B7106□G
JMK212AB7106□G
X7R
10
±10, ±20
10
1.25+0.15/-0.05
R
150%
316Type
【Temperature Characteristic BJ:B/X5R】
・1.6mm thickness(L)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK316 BJ105□L
B/X5R*1
1
±10, ±20
3.5
1.6±0.2
R
200%
UMK316 BJ475□L
X5R
4.7
±10, ±20
10
1.6±0.2
R
150%
25V
TMK316 BJ225□L
B/X5R*1
2.2
±10, ±20
3.5
1.6±0.2
R
200%
TMK316 BJ475□L
B/X5R
4.7
±10, ±20
5
1.6±0.2
R
150%
TMK316 BJ106□L
X5R*1
10
±10, ±20
5
1.6±0.2
R
150%
16V
EMK316 BJ225□L
B/X5R*1
2.2
±10, ±20
3.5
1.6±0.2
R/W
200%
EMK316 BJ475□L
B/X5R
4.7
±10, ±20
5
1.6±0.2
R
200%
EMK316 BJ106□L
B/X5R*1
10
±10, ±20
5
1.6±0.2
R
150%
EMK316 BJ226ML
EMK316ABJ226ML
B/X5R
22
±20
10
1.6±0.2
R
150%
10V
LMK316 BJ106□L
B/X5R*1
10
±10, ±20
5
1.6±0.2
R
200%
LMK316 BJ226ML
LMK316ABJ226ML
B/X5R
22
±20
10
1.6±0.2
R
150%
LMK316 BJ476ML
LMK316ABJ476ML
X5R
47
±20
10
1.6±0.2
R
150%
6.3V
JMK316 BJ106□L
B/X5R*1
10
±10, ±20
5
1.6±0.2
R
200%
JMK316 BJ226□L
JMK316ABJ226□L
B/X5R
22
±10, ±20
10
1.6±0.2
R
200%
JMK316 BJ476ML
JMK316ABJ476ML
X5R
47
±20
10
1.6±0.2
R
200%
JMK316 BJ107ML
JMK316ABJ107ML
X5R
100
±20
10
1.6±0.2
R
150%
4V
AMK316 BJ107ML
AMK316ABJ107ML
X5R
100
±20
10
1.6±0.2
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
16V
EMK212 B7474□D
X7R
0.47
±10, ±20
3.5
0.85±0.1
R/W
200%
EMK212 B7105□D
X7R
1
±10, ±20
5
0.85±0.1
R
200%
EMK212 B7225□D
EMK212AB7225□D
X7R
2.2
±10, ±20
5
0.85±0.1
R
150%
10V
LMK212 B7105□D
X7R
1
±10, ±20
3.5
0.85±0.1
R
200%
LMK212 B7225□D
LMK212AB7225□D
X7R
2.2
±10, ±20
5
0.85±0.1
R
200%
LMK212 B7475□D
LMK212AB7475□D
X7R
4.7
±10, ±20
10
0.85±0.1
R
150%
R
Capacitance tolerance code is applied to □ of part number.
【Temperature Characteristic F:Y5V】
・1.25mm thickness(G)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 F474ZG
F/Y5V
0.47
+80/-20
7
1.25±0.1
R/W
200%
UMK212 F105ZG
F/Y5V
1
+80/-20
7
1.25±0.1
R/W
200%
16V
EMK212 F225ZG
F/Y5V
2.2
+80/-20
7
1.25±0.1
R/W
200%
10V
LMK212 F475ZG
F/Y5V
4.7
+80/-20
9
1.25±0.1
R
200%
LMK212 F106ZG
F/Y5V
10
+80/-20
16
1.25±0.1
R
200%
6.3V
JMK212 F106ZG
F/Y5V
10
+80/-20
16
1.25±0.1
R
200%
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 F224ZD
F/Y5V
0.22
+80/-20
7
0.85±0.1
R/W
200%
10V
LMK212 F225ZD
F/Y5V
2.2
+80/-20
9
0.85±0.1
R
200%
6.3V
JMK212 F475ZD
F/Y5V
4.7
+80/-20
16
0.85±0.1
R
200%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn