Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 46 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 46 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
11
mlcc_reli-R3
mlcc_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
13. Resistance to Soldering
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance:
No abnormality
Capacitance change: Within ±2.5% or ±0.25pF, whichever is larger.
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Frequency Type
Appearance:
No abnormality
Capacitance change: Within ±2.5%
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Permittivity(Class 2) Note 1
Appearance:
No abnormality
Capacitance change: Within ±7.5%(BJ, B7, C6, C7)
Within ±20%(F)
Dissipation factor:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
【Test Methods and Remarks】
Class 1
042, 063 Type
105 Type
Array(096, 110 Type)
Preconditioning
None
Preheating
150℃, 1 to 2 min.
80 to 100℃, 2 to 5 min.
150 to 200℃, 2 to 5 min.
Solder temp.
270±5℃
Duration
3±0.5 sec.
Recovery
6 to 24 hrs(Standard condition)Note 5
 
Class 2
042、063 Type
105, 107, 212 Type
Array(096, 110,212 Type)
316, 325 Type
Preconditioning
Thermal treatment(at 150℃ for 1 hr)Note 2
Preheating
150℃, 1 to 2 min.
80 to 100℃, 2 to 5 min.
150 to 200℃, 2 to 5 min.
80 to 100℃, 5 to 10 min.
150 to 200℃, 5 to 10 min.
Solder temp.
270±5℃
Duration
3±0.5 sec.
Recovery
24±2 hrs(Standard condition)Note 5
14. Temperature Cycle (Thermal Shock)
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance:
No abnormality
Capacitance change: Within ±2.5% or ±0.25pF, whichever is larger.
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Frequency Type
Appearance:
No abnormality
Capacitance change: Within ±0.25pF
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Permittivity(Class 2) Note 1
Appearance:
No abnormality
Capacitance change: Within ±7.5%(BJ, B7, C6, C7)
Within ±20%(F)
Dissipation factor:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
【Test Methods and Remarks】
Class 1
Class 2
Preconditioning
None
Thermal treatment(at 150℃ for 1 hr)Note 2
1 cycle
Step
Temperature(℃)
Time(min.)
1
Lowest operating temperature +0/-3
30±3
2
Normal temperature
2 to 3
3
Highest operating temperature +0/-3
30±3
4
Normal temperature
2 to 3
Number of cycles
5 times
Recovery
6 to 24 hrs(Standard condition)Note 5
24±2 hrs(Standard condition)Note 5
15. Humidity(Steady State)
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance:
No abnormality
Capacitance change: Within ±5% or ±0.5pF, whichever is larger.
Q:
C<10pF:
Q≧200+10C 
10≦C<30pF: Q≧275+2.5C
C≧30pF:
Q≧350
(C:Nominal capacitance)
Insulation resistance: 1000 MΩ min.
High Frequency Type
Appearance:
No abnormality
Capacitance change: Within ±0.5pF,
Insulation resistance: 1000 MΩ min.
High Permittivity(Class 2) Note 1
Appearance:
No abnormality
Capacitance change: Within ±12.5%(BJ, B7, C6, C7)
Within ±30%(F)
Dissipation factor:
5.0% max.(BJ, B7, C6, C7)
11.0% max.(F)
Insulation resistance: 50 MΩμF or 1000 MΩ whichever is smaller.
【Test Methods and Remarks】
Class 1
Standard
High Frequency Type
Preconditioning
None
Temperature
40±2℃
60±2℃
Humidity
90 to 95%RH
Duration
500+24/ー0 hrs
Recovery
6 to 24 hrs(Standard condition)Note 5
 
Class 2
All items
Preconditioning
Thermal treatment(at 150℃ for 1 hr) Note 2
Temperature
40±2℃
Humidity
90 to 95%RH
Duration
500+24/ー0 hrs
Recovery
24±2 hrs(Standard condition)Note 5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn