Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 45 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 45 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
11
mlcc_reli-R2
mlcc_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
8. Temperature Characteristic(Without voltage application)
Specified
Value
Temperature Compensating
(Class 1)
Standard
Temperature Characteristic[ppm/℃]
Tolerance
C□ :0
CH, CJ, CK
H±60
J±120
K±250
R□ :ー220 RH
S□ :ー330 SH, SJ, SK
T□ :ー470 TJ, TK
U□ :ー750 UJ, UK
SL :+350 to -1000
High Frequency Type
High Permittivity(Class 2)
Specification
Capacitance change
Reference temperature
Temperature Range
BJ
B
±10%
20℃
-25 to +85℃
X5R
±15%
25℃
-55 to +85℃
B7
X7R
±15%
25℃
-55 to +125℃
C6
X6S
±22%
25℃
-55 to +105℃
C7
X7S
±22%
25℃
-55 to +125℃
F
F
+30/ー80%
20℃
-25 to +85℃
Y5V
+22/ー82%
25℃
-30 to +85℃
【Test Methods and Remarks】
Class 1
Capacitance at 20℃ and 85℃ shall be measured in thermal equilibrium, and the temperature characteristic shall be calculated from the following equation.
(C
85-C20
× 106(ppm/℃)
C20×△T           △T=65
Class 2
Capacitance at each step shall be measured in thermal equilibrium, and the temperature characteristic shall be calculated from the following equation.
(C-C
2
×100(%)
C2
C :Capacitance in Step 1 or Step 3
C2 :Capacitance in Step 2
Step
B、F
X5R、X7R、X6S、X7S、Y5V
1
Minimum operating temperature
2
20℃
25℃
3
Maximum operating temperature
9. Deflection
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance :
No abnormality
Capacitance change : Within ±5% or ±0.5 pF, whichever is larger.
High Frequency Type
Appearance :
No abnormality
Capacitance change : Within±0.5 pF
High Permittivity(Class 2)
Appearance :
No abnormality
Capacitance change : Within ±12.5%(BJ, B7, C6, C7),Within ±30%(F)
【Test Methods and Remarks】
Multilayer Ceramic Capacitors
Board
Thickness
Warp
Duration
042、063 Type
glass epoxy-resin substrate
0.8mm
1mm
10 sec.
The other types
1.6mm
Array Type
Board
Thickness
Warp
Duration
096、110、212 Type
glass epoxy-resin substrate
1.6mm
1mm
10 sec.
Board
Warp
Capacitance measurement shall
be conducted with the board bent
10. Body Strength
Specified
Value
Temperature Compensating
(Class 1)
Standard
High Frequency Type
No mechanical damage.
High Permittivity(Class 2)
【Test Methods and Remarks】
High Frequency Type
Applied force: 5N
Duration: 10 sec.
A
A
A
11. Adhesive Strength of Terminal Electrodes
Specified
Value
Temperature Compensating
(Class 1)
Standard
No terminal separation or its indication.
High Frequency Type
High Permittivity(Class 2)
【Test Methods and Remarks】
Multilayer Ceramic Capacitors
Array Type
Applied force
Duration
042、063 Type
2N
30±5 sec.
105 Type or more
5N
Applied force
Duration
096 Type
2N
30±5 sec.
110、212 Type
5N
12. Solderability
Specified
Value
Temperature Compensating
(Class 1)
Standard
At least 95% of terminal electrode is covered by new solder.
High Frequency Type
High Permittivity(Class 2)
【Test Methods and Remarks】
Solder type
Solder temperature
Duration
Eutectic solder
H60A or H63A
230±5℃
4±1 sec.
Lead-free solder
Sn-3.0Ag-0.5Cu
245±3℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn