Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 44 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 44 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
11
mlcc_reli-R1
mlcc_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
7. Q or Dissipation Factor
Specified
Value
Temperature Compensating
(Class 1)
Standard
C<30 pF:Q≧400+20C、C≧30 pF:Q≧1000 (C:Nominal capacitance)
High Frequency Type
Refer to detailed specification
High Permittivity(Class 2)Note 1
BJ, B7, C6,C7:2.5% max., F:7% max.
【Test Methods and Remarks】
High Frequency Type
Measuring equipment: HP4291A
Measuring jig: HP16192A
Class 1
Class 2
Standard
High Frequency Type
C≦10μF
C>10μF
Preconditioning
None
Thermal treatment(at 150℃ for 1hr)Note 2
Measuring frequency
1MHz±10%
1GHz
1kHz±10%
120±10Hz
Measuring voltage Note 1
0.5 to 5Vrms
1±0.2Vrms
0.5±0.1Vrms
Bias application
None
6. Capacitance(Tolerance)
Specified
Value
Temperature Compensating
(Class 1)
Standard
C△
U△
0.5pF≦C≦5pF:±0.25pF
0.5pF<C≦10pF:±0.5pF
C>10pF:±5%
 
RH
S△
T△
0.5pF≦C≦2pF:±0.1pF
C>2pF:±5%
High Frequency Type
CH
RH
0.5pF≦C≦2pF:±0.1pF
C>2pF:±5%
High Permittivity(Class 2)
BJ, B7, C6,C7:±10% or ±20%, F:-20%/+80%
【Test Methods and Remarks】
Class 1
Class 2
Standard
High Frequency Type
C≦10μF
C>10μF
Preconditioning
None
Thermal treatment(at 150℃ for 1hr)Note 2
Measuring frequency
1MHz±10%
1kHz±10%
120±10Hz
Measuring voltage Note 1
0.5 to 5Vrms
1±0.2Vrms
0.5±0.1Vrms
Bias application
None
5. Insulation Resistance
Specified
Value
Temperature Compensating
(Class 1)
Standard
10000 MΩ min.
High Frequency Type
High Permittivity(Class 2)Note 1
C≦0.047μF : 10000 MΩ min.
C>0.047μF : 500MΩ・μF
【Test Methods and Remarks】
Applied voltage: Rated voltage
Duration: 60±5 sec.
Charge/discharge current: 50mA max.
4. Withstanding Voltage(Between terminals)
Specified
Value
Temperature Compensating
(Class 1)
Standard
No breakdown or damage
High Frequency Type
High Permittivity(Class 2)
【Test Methods and Remarks】
Class 1
Class 2
Applied voltage
Rated voltage×3 Rated voltage×2.5
Duration
1 to 5 sec.
Charge/discharge current
50mA max.
3. Rated Voltage
Specified
Value
Temperature Compensating
(Class 1)
Standard
50VDC, 25VDC, 16VDC
High Frequency Type
50VDC, 16VDC
High Permittivity(Class 2)
50VDC, 35VDC, 25VDC, 16VDC, 10VDC, 6.3VDC, 4VDC
2. Storage Conditions
Specified
Value
Temperature Compensating
(Class 1)
Standard
-55 to +125℃
High Frequency Type
High Permittivity(Class 2)
Specification
Temperature Range
BJ
B
-25 to +85℃
X5R
-55 to +85℃
B7
X7R
-55 to +125℃
C6
X6S
-55 to +105℃
C7
X7S
-55 to +125℃
F
F
-25 to +85℃
Y5V
-30 to +85℃
1.Operating Temperature Range
Specified
Value
Temperature Compensating
(Class 1)
Standard
-55 to +125℃
High Frequency Type
High Permittivity(Class 2)
Specification
Temperature Range
BJ
B
-25 to +85℃
X5R
-55 to +85℃
B7
X7R
-55 to +125℃
C6
X6S
-55 to +105℃
C7
X7S
-55 to +125℃
F
F
-25 to +85℃
Y5V
-30 to +85℃
Multilayer Ceramic Capacitors
Super Low Distortion Multilayer Ceramic Capacitors and Medium-High
Voltage Multilayer Ceramic Capacitors are noted separately.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn