Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 43 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 43 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
11
mlcc_pack-P2
mlcc_pack_e-01
PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Embossed tape(8mm wide)
Embossed tape(12mm wide)
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
K
T
□WK107
1.0
1.8
4.0±0.1
1.3max
0.25±0.1
□MK212
1.65
2.4
3.4max.
0.6max.
□MK316
2.0
3.6
□MK325
2.8
3.6
④Trailer and Leader
Trailer 160mm min.
Leader 400mm min.
100mm or more
⑤Reel size
⑥Top Tape Strength
The top tape requires a peel-off force of 0.1 to 0.7N in the direction of the arrow
as illustrated below.
The exchange of individual specification is necessary.
Please contact Taiyo Yuden sales channels.
0.1/−0
0.1/−0
2.0±0.1
F
36+0/−0.2
110±0.7
12±0.1
1.0+0/−0.1
2.0+0/−0.1
1.5+0.1/−0
Unit:mm
⑦Bulk Cassette
1.0±0.02
0.8±0.04
0.9±0.05
2.0±0.04
Embossed tape(4mm wide)
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
K
T
□MK042
0.23
0.43
1.0±0.02
0.5max.
0.25max.
A
B
C
φ178±2.0
φ50min.
φ13.0±0.2
D
E
R
φ21.0±0.8
2.0±0.5
1.0
t
W
4mm wide tape
1.5max.
5±1.0
8mm wide tape
2.5max.
10±1.5
12mm wide tape
2.5max.
14±1.5
Unit:mm
Unit:mm
Unit:mm
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
K
T
□MK432
3.7
4.9
8.0±0.1
4.0max.
0.6max.
Unit:mm
E
W
C
R
D
B
t
A
E
W
C
R
D
B
t
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn