Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 42 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 42 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
11
mlcc_pack-P1
mlcc_pack_e-01
PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Taped package
①Minimum Quantity
②Taping material
※No bottom tape for pressed carrier tape
③Representative taping dimensions
 ◦Paper Tape(8mm wide)
 ◦Pressed carrier tape(2mm pitch)
T1
0.1/−0
Paper tape
Embossed tape
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
T
□MK107
□WK107
1.0
1.8
4.0±0.1
1.1max.
□2K110
1.15
1.55
1.0max.
□MK212
□WK212
1.65
2.4
1.1max.
□4K212
□2K212
□MK316
2.0
3.6
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
T
□2K096
0.72
1.02
52.0±0.05
0.45max.
0.6max.
□MK105
□VK105
0.65
1.15
0.8max.
0.1/−0
0.1/−0
◦Punched carrier tape(4mm pitch)
◦Punched carrier tape(2mm pitch)
◦Chip filled
Type
Thickness
Standard quantity [pcs]
mm
code
Paper tape
Embossed
tape
□MK042
0.2
C
40000
□MK063
0.3
P,T
15000
□2K096
0.3
P
10000
0.45
K
□WK105
0.3
P
0.5
V
□MK105
0.2
C
20000
0.3
P
15000
0.5
V, W
10000
□VK105
0.5
W
□MK107
□WK107
0.45
K
4000
0.5
V
4000
0.8
A
4000
□2K110
0.5
V
0.6
B
0.8
A
□MK212
□WK212
0.45
K
0.85
D
1.25
G
3000
□4K212
0.85
D
4000
□2K212
0.85
D
□MK316
0.85
D
1.15
F
3000
1.25
G
1.6
L
2000
□MK325
0.85
D
1.15
F
1.9
N
2.0max
Y
2.5
M
500(T),1000(P)
□MK432
2.5
M
500
Type
Chip Cavity
Insertion Pitch
Tape Thickness
T1
□MK063
0.37
0.67
2.0±0.05
0.45max.
0.42max.
□WK105
0.65
1.15
0.45max.
0.42max.
Unit:mm
Unit:mm
Unit:mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn