Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 40 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 40 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
38
11
mlcc08_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
【Temperature Characteristic B7:X7R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
U2K110 B7102□B
X7R
0.001
±10, ±20
3.5
0.6±0.06
R
200%
U2K110 B7222□B
X7R
0.0022
±10, ±20
3.5
0.6±0.06
R
200%
U2K110 B7472□B
X7R
0.0047
±10, ±20
3.5
0.6±0.06
R
200%
25V
T2K110 B7103□B
X7R
0.01
±10, ±20
3.5
0.6±0.06
R
200%
T2K110 B7223□B
X7R
0.022
±10, ±20
3.5
0.6±0.06
R
200%
16V
E2K110 B7473□B
X7R
0.047
±10, ±20
3.5
0.6±0.06
R
200%
E2K110 B7104□B
X7R
0.1
±10, ±20
5
0.6±0.06
R
200%
Capacitance tolerance code is applied to □ of part number.
【Temperature Characteristic CH:CH/C0H】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
U2K110 CH100FB
CH/C0H
10
±1pF
600
0.6±0.06
R
200%
U2K110 CH120KB
CH/C0H
12
±10%
640
0.6±0.06
R
200%
U2K110 CH150KB
CH/C0H
15
±10%
700
0.6±0.06
R
200%
U2K110 CH180KB
CH/C0H
18
±10%
760
0.6±0.06
R
200%
U2K110 CH220KB
CH/C0H
22
±10%
840
0.6±0.06
R
200%
U2K110 CH270KB
CH/C0H
27
±10%
940
0.6±0.06
R
200%
U2K110 CH330KB
CH/C0H
33
±10%
1000
0.6±0.06
R
200%
U2K110 CH390KB
CH/C0H
39
±10%
1000
0.6±0.06
R
200%
U2K110 CH470KB
CH/C0H
47
±10%
1000
0.6±0.06
R
200%
U2K110 CH560KB
CH/C0H
56
±10%
1000
0.6±0.06
R
200%
U2K110 CH680KB
CH/C0H
68
±10%
1000
0.6±0.06
R
200%
U2K110 CH820KB
CH/C0H
82
±10%
1000
0.6±0.06
R
200%
U2K110 CH101KB
CH/C0H
100
±10%
1000
0.6±0.06
R
200%
212TYPE 2 circuits type
【Temperature Characteristic BJ:B/X5R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
T2K212 BJ105□D
B/X5R
1
±10, ±20
5
0.85±0.1
R
200%
10V
L2K212 BJ225MD
X5R
2.2
±20
10
0.85±0.1
R
150%
Capacitance tolerance code is applied to □ of part number.
212TYPE 4 circuits type
【Temperature Characteristic BJ:B/X5R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
T4K212 BJ104□D
B/X5R
0.1
±10, ±20
5
0.85±0.1
R
200%
16V
E4K212 BJ104□D
B/X5R*1
0.1
±10, ±20
5
0.85±0.1
R
200%
10V
L4K212 BJ224□D
B/X5R
0.22
±10, ±20
5
0.85±0.1
R
200%
L4K212 BJ474□D
B/X5R
0.47
±10, ±20
5
0.85±0.1
R
200%
L4K212 BJ105□D
X5R
1
±10, ±20
10
0.85±0.1
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.
【Temperature Characteristic B7:X7R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
16V
E4K212 B7104□D
X7R
0.1
±10, ±20
5
0.85±0.1
R
200%
Capacitance tolerance code is applied to □ of part number.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn