Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 38 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 38 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
36
11
mlcc08_e-01
FEATURES
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
PART NUMBER
Type
Dimension [mm]
Standard quantity [pcs]
L
W
E1
E2
P
T
Paper tape
Embossed
tape
□2K096
(0302 inch)
0.9±0.05
0.6±0.05
0.23±0.10
0.125±0.075
0.45±0.05
P
0.30±0.03
10000
K
0.45±0.05
□2K110
(0504 inch)
1.37±0.07
1.00±0.08
0.36±0.10
0.2±0.10
0.64±0.10
V
0.50±0.05
4000
B
0.60±0.06
A
0.80±0.08
□2K212
(0805 inch)
2.00±0.10
1.25±0.10
0.50±0.20
0.25±0.15
1.00±0.10
D
0.85±0.10
4000
□4K212
(0805 inch)
2.00±0.10
1.25±0.10
0.25±0.10
0.25±0.15
0.50±0.10
D
0.85±0.10
4000
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
High density and high efficiency mounting.
Internal electrodes are composed of nickel for improved cost perfor-
mance and reliability.
General electronic equipment
Communication equipment (cellular phone, wireless applications,
etc.)
ARRAY TYPE MULTILAYER CERAMIC CAPACITORS
Temp.char.Code
Temperature characteristics
Capacitance tolerance
〔%〕
Applicable standard
Temperature range〔℃〕
Ref. Temp.〔℃〕
Capacitance change
BJ
JIS
B
-25~+85
20
±10[%]
±10(K)
±20(M)
EIA
X5R
-55~+85
25
±15[%]
B7
EIA
X7R
-55~+125
25
±15[%]
CH
JIS
CH
-55~+125
20
±60[ppm/℃]
±10(K)
EIA
C0H
-55~+125
25
±60[ppm/℃]
REFLOW
E1
P
T
L
W
E2
E1
T
W
P
E2
L
E 4 K 2 1 2 △ B J 1 0 4 M D - T △
Dimension
Type
(inch) L×W[mm]
096
(0302)
0.9×0.6
110
(0504) 1.37×1.0
212
(0805) 2.0×1.25
Rated
voltage〔VDC〕
A
4
J
6.3
L
10
E
16
T
25
U
50
Series name
2
2 circuits
multilayer capacitor
4
4 circuits
multilayer capacitor
Dimension tolerance
Standard
△=Blank space
End
termination
K
Plated
Temperature
characteristics
code
BJ
B
X5R
B7
X7R
CH
CH
C0H
Nominal capacitance
〔pF〕
example
104
100,000
105
1,000,000
Capacitance
tolerance
F
±1pF
K
±10%
M
±20%
Thickness
〔mm〕
P
0.3
K
0.45
V
0.5
B
0.6
A
0.8
D
0.85
Packaging
T
φ178mm Taping
(4mm pitch)
0504, 0805 Type
F
φ178mm Taping
(2mm pitch)
0302 Type
Internal code
△ Standard
△=Blank space
Special code
Standard
BJ/B7
Cap
[μF]
Type
096 2 circuits
□2K096
110 2 circuits
□2K110
212 2 circuits
□2K212
212 4circuits
□4K212
B/X5R
X5R
X7R
B/X5R
X5R
B/X5R X5R X7R
B/X5R
X5R
VDC
10V 6.3V 4V
50V 25V 16V 50V 25V 16V 10V 16V 10V 6.3V 25V 10V 16V 25V 16V 10V 10V
[3-digit]
0.001
102
B
B
0.0022
222
B
B
0.0047
472
B
B
0.01
103
P
B
B
0.022
223
B
B
0.047
473
K
B
B
0.1
104
K
B
B
B
D
D
D
0.22
224
K
B
D
0.47
474
K
A
D
1.0
105
K
A
A,V
V
D
D
2.2
225
A
D
※Letters in the table indicate thickness.
CH
Cap
[pF]
Type
096
2 circuits
□2K096
110
2 circuits
□2K110
CH
CH
VDC
25V
50V
[3-digit]
10
100
P
B
12
120
P
B
15
150
P
B
18
180
P
B
22
220
P
B
27
270
P
B
33
330
P
B
39
390
P
B
47
470
P
B
56
560
P
B
68
680
P
B
82
820
P
B
100
101
P
B
※Letters in the table indicate thickness.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn