Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 34 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 34 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
32
11
mlcc07_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Low equivalent series resistance(ESR).
Low equivalent series inductor(ESL).
The effect of noise removal in the high frequency.
Decreased ripple voltage.
Small size with high capacitance.
Decoupling capacitors
Filtering capacitors
Rated
voltage〔VDC〕
A
4
J
6.3
L
10
E
16
T
25
Thickness
〔mm〕
P
0.3
V
0.5
D
0.85
Packaging
F
φ178mm Taping
(2mm pitch)
0204 Type
T
φ178mm Taping
(4mm pitch)
0306, 0508 Type
Nominal capacitance
〔μF〕
example
105
1.0
106
10.0
Temperature
characteristics
code
BJ
B
X5R
C6
X6S
C7
X7S
B7
X7R
Series name
W LW Reverse Type
End
termination
K
Plated
Capacitance
tolerance
K
±10%
M
±20%
LW REVERSAL DECOUPLING CAPACITORSLWDCTM
Internal code
Standard
△=Blank space
Special code
Standard
REFLOW
J W K 2 1 2 △ B J 1 0 6 M D - T △
Dimension tolerance
Standard
△=Blank space
Dimension
Type (inch) L×W〔mm〕
105
(0204) 0.52×1.0
107
(0306) 0.8×1.6
212
(0508) 1.25×2.0
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
Paper tape
Embossed tape
□WK105
(0204 inch)
0.52±0.05
1.00±0.05
0.30±0.05
P
10000
0.50±0.05
V
□WK107
(0306 inch)
0.80±0.10
1.60±0.10
0.50±0.05
V
4000
□WK212
(0508 inch)
1.25±0.15
2.00±0.15
0.85±0.10
D
4000
Cap
[μF]
Type
105
107
212
X7S
X6S
X5R
X7R
X7S
X6S
X5R
X6S
X5R
VDC
10
6.3
4
16
10
6.3
4
25
16
10
6.3
4
25
16
6.3
4
4
25
16
10
6.3
6.3
4
10
6.3
[3-digit]
0.10
104
P
P
P
P
P
V
V
0.22
224
P
P
P
P
P
V
V
0.47
474
P
P
P
P
V
V
1.0
105
V
P,V
V
P,V
V
V
V
2.2
225
V
V
V
4.7
475
V
V
D
D
10
106
D
D
22
226
D
D
※Letters in the table indicate thickness.
Temp.char.Code
Temperature characteristics
Capacitance tolerance
〔%〕
Applicable standard
Temperature range〔℃〕
Ref. Temp.〔℃〕
Capacitance change〔%〕
BJ
JIS
B
-25~+85
20
±10
±10(K)
±20(M)
EIA
X5R
-55~+85
25
±15
C6
EIA
X6S
-55~+105
25
±22
C7
EIA
X7S
-55~+125
25
±22
B7
EIA
X7R
-55~+125
25
±15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn