Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 32 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 32 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
11
mlcc06_reli-R1
mlcc06_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
MediumーHigh Voltage Multilayer Ceramic Capacitor
1. Operating Temperature Range
Specified Value
X7R, X7S:-55~+125℃ X5R:-55~+85℃ B:-25~+85℃
2. Storage Temperature Range
Specified Value
X7R, X7S:-55~+125℃ X5R:-55~+85℃ B:-25~+85℃
3. Rated Voltage
Specified Value
100VDC, 250VDC, 630VDC
4. Withstanding Voltage(Between terminals)
Specified Value
No breakdown or damage
【Test Methods and Remarks】
Applied voltage:Rated voltage×2.5(HMK),Rated voltage×2(QMK),Rated voltage×1.2(SMK)
Duration:1 to 5sec.
Charge/discharge current:50mA max.
5.Insulation Resistance
Specified Value
100MΩμF or 10GΩ, whichever is smaller.
【Test Methods and Remarks】
Applied voltage:Rated voltage(HMK, QMK),500V(SMK)
Duration:60±5sec.
Charge/discharge current:50mA max.
6.Capacitance(Tolerance)
Specified Value
±10%、±20%
【Test Methods and Remarks】
Measuring frequency:1kHz±10%
Measuring voltage:1±0.2Vrms
Bias application:None
7.Dissipation Factor
Specified Value
3.5%max(HMK)
2.5%max(QMK, SMK)
【Test Methods and Remarks】
Measuring frequency:1kHz±10%
Measuring voltage:1±0.2Vrms
Bias application:None
8.Temperature Characteristic of Capacitance
Specified Value
B: ±10%(-25~+85℃)
X5R:±15%(-55~+85℃)
X7R:±15%(-55~+125℃)
X7S:±22%(-55~+125℃)
【Test Methods and Remarks】
Capacitance value at each step shall be measured in thermal equilibrium, and the temperature characteristic shall be calculated from the following equation.
(C-C
2
×100(%)
 C
2
C :Capacitance value in Step 1 or Step 3
C2 :Capacitance value in Step 2
Step
B
X5R、X7R、X7S
1
Minimum operating temperature
2
20℃
25℃
3
Maximum operating temperature
9.Deflection
Specified Value
Appearance:No abnormality
Capacitance change:Within±10%
【Test Methods and Remarks】
Warp:1mm
Duration:10sec.
Test board:glass epoxy-resin substrate
Thickness:1.6mm
Capacitance measurement shall be conducted with the board bent.
R-230
10.Adhesive Strength of Terminal Electrodes
Specified Value
No terminal separation or its indication.
【Test Methods and Remarks】
Applied force:5N
Duration:30±5sec.
   
11.Solderability
Specified Value
At least 95% of terminal electrode is covered by new solder
【Test Methods and Remarks】
Solder type
Solder temperature
Duration
Eutectic solder
H60A or H63A
230±5℃
4±1 sec.
Lead-free solder
Snー3.0Agー0.5Cu
245±3℃
Multilayer Ceramic Capacitors and Super Low Distortion Multilayer Ceramic
Capacitors are noted separately.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn