Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 30 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 30 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
30
11
mlcc06_e-01
ELECTRICAL CHARACTERISTICS
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Temperature characteristics
432TYPE
【Temperature Characteristic BJ:B/X5R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
100V
HMK432 BJ474□M
B/X5R*1
470000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 BJ105□M
B/X5R*1
1000000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 BJ155□M
B/X5R*1
1500000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 BJ225□M
B/X5R*1
2200000
±10, ±20
3.5
2.5±0.2
R
200%
250V
QMK432 BJ104□M
B/X5R*1
100000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 BJ224□M
B/X5R*1
220000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 BJ334□M
B/X5R*1
330000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 BJ474□M
B/X5R*1
470000
±10, ±20
2.5
2.5±0.2
R
150%
630V
SMK432 BJ473□M
B/X5R*1
47000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 BJ683□M
B/X5R*1
68000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 BJ104□M
B/X5R*1
100000
±10, ±20
2.5
2.5±0.2
R
120%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.
【Temperature Characteristic B7:X7R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
100V
HMK432 B7474□M
X7R
470000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 B7105□M
X7R
1000000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 B7155□M
X7R
1500000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 B7225□M
X7R
2200000
±10, ±20
3.5
2.5±0.2
R
200%
250V
QMK432 B7104□M
X7R
100000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 B7224□M
X7R
220000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 B7334□M
X7R
330000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 B7474□M
X7R
470000
±10, ±20
2.5
2.5±0.2
R
150%
630V
SMK432 B7473□M
X7R
47000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 B7683□M
X7R
68000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 B7104□M
X7R
100000
±10, ±20
2.5
2.5±0.2
R
120%
Capacitance tolerance code is applied to □ of part number.
HMK212 BJ104KG / HMK212 B7104KG
SMK432 BJ104KM / SMK432 B7104KM
QMK325 BJ224KN / QMK325 B7224KN
SMK316 BJ223KL / SMK316 B7223KL
QMK432 BJ474KM / QMK432 B7474KM
HMK325 BJ105KN / HMK325 B7105KN
HMK325 BJ105KN / HMK325 B7105KN
Taiyo Yuden medium-high voltage ceramic capacitor
Example of Impedance ESR vs. Frequency characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn