Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 27 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 27 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
27
11
mlcc06_e-01
REPRESENTATIVE PART NUMBERS
AVAILABLE CAPACITANCE RANGE
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Temp.char.Code
Temperature characteristics
Capacitance tolerance
〔%〕
Applicable standard
Temperature range〔℃〕
Ref. Temp.〔℃〕
Capacitance change〔%〕
BJ
JIS
B
-25~+85
20
±10
±10(K)
±20(M)
EIA
X5R
-55~+85
25
±15
C7
EIA
X7S
-55~+125
25
±22
B7
EIA
X7R
-55~+125
25
±15
107TYPE
【Temperature Characteristic BJ:B/X5R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
100V
HMK107 BJ102□A
B/X5R*1
1000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ152□A
B/X5R*1
1500
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ222□A
B/X5R*1
2200
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ332□A
B/X5R*1
3300
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ472□A
B/X5R*1
4700
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ682□A
B/X5R*1
6800
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ103□A
B/X5R*1
10000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ153□A
B/X5R*1
15000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ223□A
B/X5R*1
22000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ333□A
B/X5R*1
33000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 BJ104□A
B/X5R*1
100000
±10, ±20
3.5
0.8±0.1
R
200%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.
212TYPE
【Temperature Characteristic BJ:B/X5R】
・1.25mm thickness(G)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
100V
HMK212 BJ103□G
B/X5R*1
10000
±10, ±20
3.5
1.25±0.1
R
200%
HMK212 BJ153□G
B/X5R*1
15000
±10, ±20
3.5
1.25±0.1
R
200%
HMK212 BJ223□G
B/X5R*1
22000
±10, ±20
3.5
1.25±0.1
R
200%
HMK212 BJ333□G
B/X5R*1
33000
±10, ±20
3.5
1.25±0.1
R
200%
HMK212 BJ473□G
B/X5R*1
47000
±10, ±20
3.5
1.25±0.1
R
200%
HMK212 BJ683□G
B/X5R*1
68000
±10, ±20
3.5
1.25±0.1
R
200%
HMK212 BJ104□G
B/X5R*1
100000
±10, ±20
3.5
1.25±0.1
R
200%
HMK212 BJ224□G
B/X5R*1
220000
±10, ±20
3.5
1.25±0.1
R
200%
250V
QMK212 BJ472□G
B/X5R*1
4700
±10, ±20
2.5
1.25±0.1
R
150%
QMK212 BJ682□G
B/X5R*1
6800
±10, ±20
2.5
1.25±0.1
R
150%
QMK212 BJ103□G
B/X5R*1
10000
±10, ±20
2.5
1.25±0.1
R
150%
QMK212 BJ153□G
B/X5R*1
15000
±10, ±20
2.5
1.25±0.1
R
150%
QMK212 BJ223□G
B/X5R*1
22000
±10, ±20
2.5
1.25±0.1
R
150%
【Temperature Characteristic B7:X7R, C7:X7S】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
100V
HMK107 B7102□A
X7R
1000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7152□A
X7R
1500
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7222□A
X7R
2200
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7332□A
X7R
3300
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7472□A
X7R
4700
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7682□A
X7R
6800
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7103□A
X7R
10000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7153□A
X7R
15000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7223□A
X7R
22000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 B7333□A
X7R
33000
±10, ±20
3.5
0.8±0.1
R
200%
HMK107 C7104□A
X7S
100000
±10, ±20
3.5
0.8±0.1
R
200%
Capacitance tolerance code is applied to □ of part number.
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
250V
QMK212 BJ102□D
B/X5R*1
1000
±10, ±20
2.5
0.85±0.1
R
150%
QMK212 BJ152□D
B/X5R*1
1500
±10, ±20
2.5
0.85±0.1
R
150%
QMK212 BJ222□D
B/X5R*1
2200
±10, ±20
2.5
0.85±0.1
R
150%
QMK212 BJ332□D
B/X5R*1
3300
±10, ±20
2.5
0.85±0.1
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn