Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 26 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 26 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
26
11
mlcc06_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Packaging
T
φ178mm Taping
(4mm pitch)
The use of nickel as electrode material prevents migration and pro-
vides high reliability.
Small case sizes with high rated voltage.
General telephone exchange
Inverter
Wireless and Telecommunication base
For DC/DC Converter
MEDIUM-HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS
REFLOW
H M K 3 1 6 △ B J 1 0 4 K L - T △
Rated
voltage〔VDC〕
H
100
Q
250
S
630
Thickness
〔mm〕
A
0.8
D
0.85
G
1.25
F
1.15
L
1.6
N
1.9
M
2.5
Special code
- Standard
Internal code
Standard
△=Blank space
Special code
K
±10%
M
±20%
Series name
M
Multilayer ceramic
capacitor
Temperature
characteristics code
BJ
B
X5R
C7
X7S
B7
X7R
Dimension
Type (inch) L×W[mm]
107 (0603) 1.6×0.8
212 (0805) 2.0×1.25
316 (1206) 3.2×1.6
325 (1210) 3.2×2.5
432 (1812) 4.5×3.2
Dimension
tolerance
Standard
△=Blank space
End
termination
K
Plated
Nominal
capacitance〔pF〕
example
104
100,000
105
1,000,000
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK107
(0603 inch)
1.6±0.10
0.8±0.10
0.8±0.10
A
0.35±0.25
4000
□MK212
(0805 inch)
2.0±0.10
1.25±0.10
0.85±0.10
D
0.5±0.25
4000
1.25±0.10
G
3000
□MK316
(1206 inch)
3.2±0.15
1.6±0.15
1.15±0.10
F
0.5 +0.35/ー0.25
3000
1.6±0.20
L
2000
□MK325
(1210 inch)
3.2±0.3
2.5±0.20
1.15±0.10
F
0.6±0.3
2000
1.9±0.20
N
□MK432
(1812 inch)
4.5±0.4
3.2±0.30
2.5±0.20
M
0.9±0.6
500
Cap
[μF]
Type
107
212
316
325
432
X7R X7S B/X5R
X7R
B/X5R
X7R
B/X5R
X7R
B/X5R
X7R
B/X5R
VDC
100
100
100
100
250
100
250
100
250
630
100
250
630
100
250
630
100
250 630
100
250
630
100
250
630
[3-digit]
0.001
102
A
A
D
D
F
F
0.0015
152
A
A
D
D
F
F
0.0022
222
A
A
D
D
F
F
0.0033
332
A
A
D
D
F
F
0.0047
472
A
A
G
G
F
F
0.0068
682
A
A
G
G
F
F
0.01
103
A
A
G
G
G
G
F
F
0.015
153
A
A
G
G
G
G
L
L
0.022
223
A
A
G
G
G
G
L
L
N
N
0.033
333
A
A
G
G
L
L
N
N
0.047
473
G
G
L
L
L
L
N
N
N
N
M
M
0.068
683
G
G
L
L
L
L
M
M
0.1
104
A
A
G
G
L
L
L
L
F
N
F
N
M
M
M
M
0.15
154
L
L
N
N
N
N
0.22
224
G
G
L
L
N
N
N
N
M
M
0.33
334
L
L
N
N
M
M
0.47
474
L
L
N
N
M
M
M
M
0.68
684
N
N
1.0
105
L
L
N
N
M
M
1.5
155
M
M
2.2
225
N
N
M
M
※Letters in the table indicate thickness.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn