Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 25 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 25 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
11
mlcc05_reli-R2
mlcc05_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
12.Temperature Cycle(Thermal Shock)
Specified Value
Appearance: No abnormality
Capacitance change: ±2.5% max
Dissipation factor : Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
【Test Methods and Remarks】
Conditions for 1 cycle/ Step 1: Minimum operating temperature
+0
-3℃ 30±3 min.
Step 2: Normal temperature
2 to 3 min.
Step 3: Maximum operating temperature
+0
-3℃ 30±3 min.
Step 4: Normal temperature
2 to 3 min.
Number of cycles: 5 times
Measurement shall be conducted : 24±2hrs under the standard condition
Note1
13.Humidity(Steady state)
Specified Value
Appearance: No abnormality
Capacitance change: ±5% max
Dissipation factor : 0.5% max
Insulation resistance 50MΩμF or 1000MΩ, whichever is smaller
【Test Methods and Remarks】
Temperature:40±2℃
Humidity:90 to 95% RH
Duration:500
+24
-0 hrs
Measurement shall be conducted : 24 ±2hrs under the standard condition
Note1
14.Humidity Loading
Specified Value
Appearance: No abnormality
Capacitance change: ±7.5% max
Dissipation factor : 0.5% max
Insulation resistance: 25MΩμF or 500MΩ, whichever is smaller
【Test Methods and Remarks】
According to JIS C 5102 clause 9.9.
Temperature:40±2℃ Humidity:90 to 95% RH
Duration:500
+24
-0 hrs
Applied voltage: Rated voltage
Charge/discharge current:50mA max
Measurement shall be conducted : 24 ±2hrs under the standard condition
Note1
15.High Temperature Loading
Specified Value
Appearance: No abnormality
Capacitance change: ±3% max
Dissipation factor : 0.35% max
Insulation resistance: 50MΩμF or 1000MΩ, whichever is smaller
【Test Methods and Remarks】
According to JIS C 5102 clause 9.10.
Temperature:125±3℃
Duration:1000
+48
-0 hrs
Applied voltage: Rated voltage x 2
Charge/discharge current:50mA max
Measurement shall be conducted : 24 ±2hrs under the standard condition
Note1
Note1
Standard condition: Temperature: 5 to 35℃, Relative humidity: 45 to 85 % RH, Air pressure: 86 to 106kPa
When there are questions concerning measurement results, in order to provide correlation data, the test shall be conducted under the following condition.
Temperature: 20±2℃, Relative humidity: 60 to 70 % RH, Air pressure: 86 to 106kPa
Unless otherwise specified, all the tests are conducted under the "standard condition".


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn