Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 24 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 24 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
11
mlcc05_reli-R1
mlcc05_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Super Low Distortion Multilayer Ceramic Capacitors(CFCAP)
1. Operating Temperature Range
Specified Value
-55 to +125℃
2. Storage Temperature Range
Specified Value
-55 to +125℃
3. Rated Voltage
Specified Value
6.3VDC, 10VDC, 16VDC, 25VDC, 35VDC, 50VDC
4. Dielectric Withstanding Voltage(Between terminals)
Specified Value
No breakdown or damage
【Test Methods and Remarks】
Applied voltage: Rated voltage×3
Duration: 1 to 5 sec.
Charge/discharge current: 50mA max.
5.Insulation Resistance
Specified Value
10000 MΩ or 500MΩμF, whichever is smaller
【Test Methods and Remarks】
Applied voltage: Rated voltage
Duration: 60±5 sec.
Charge/discharge current: 50mA max.
6.Capacitance(Tolerance)
Specified Value
±10%
【Test Methods and Remarks】
Measuring frequency:1kHz±10%
Measuring voltage:1±0.2Vrms
Bias application: None
7.Dissipation Factor
Specified Value
0.1%max
【Test Methods and Remarks】
Measuring frequency:1kHz±10%
Measuring voltage:1±0.2Vrms
Bias application: None
8.Bending Strength
Specified Value
Appearance: No abnormality
Capacitance change: ±5%
【Test Methods and Remarks】
Warp: 1mm
Speed: 0.5mm/second
Duration:10 seconds
Test board: glass epoxy resin substrate
Thickness: 1.6mm
Capacitance measurement shall be conducted with the board bent.
R-230
 
9.Adhesive Force of Terminal Electrodes
Specified Value
Terminal electrodes shall be no exfoliation or a sign of exfoliation.
【Test Methods and Remarks】
Applied force: 5N
Duration: 30 ±5 seconds
10.Solderability
Specified Value
At least 95% of terminal electrode is covered by new solder.
【Test Methods and Remarks】
Solder type
Solder temperature
Duration
Eutectic solder
H60A or H63A
230±5℃
4±1 sec.
Lead-free solder
Snー3.0Agー0.5Cu
245±3℃
11.Resistance to Soldering Heat
Specified Value
Appearance: No abnormality
Capacitance change: ±2.5% max.
Dissipation factor : Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
【Test Methods and Remarks】
Solder temp.: 270 ±5℃
Duration: 3 ±0.5 sec.
Preheating conditions:80 to 100℃, 2 to 5 min. or 5 to 10 min.
150 to 200℃, 2 to 5 min. or 5 to 10 min.
Measurement shall be conducted : 24±2hrs under the standard condition
Note1
Multilayer Ceramic Capacitors and Medium-High Voltage Multilayer Ceramic
Capacitors are noted separately.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn