Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 21 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 21 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
23
11
mlcc05_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
105TYPE
・0.5mm thickness(V)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 SD391KV
Standard
type
390
±10
0.1
0.5±0.05
R
200%
UMK105 SD471KV
470
±10
0.1
0.5±0.05
R
200%
UMK105 SD561KV
560
±10
0.1
0.5±0.05
R
200%
25V
TMK105 SD681KV
680
±10
0.1
0.5±0.05
R
200%
TMK105 SD821KV
820
±10
0.1
0.5±0.05
R
200%
TMK105 SD102KV
1000
±10
0.1
0.5±0.05
R
200%
TMK105 SD122KV
1200
±10
0.1
0.5±0.05
R
200%
16V
EMK105 SD152KV
1500
±10
0.1
0.5±0.05
R
200%
EMK105 SD182KV
1800
±10
0.1
0.5±0.05
R
200%
EMK105 SD222KV
2200
±10
0.1
0.5±0.05
R
200%
EMK105 SD272KV
2700
±10
0.1
0.5±0.05
R
200%
10V
LMK105 SD332KV
3300
±10
0.1
0.5±0.05
R
200%
LMK105 SD392KV
3900
±10
0.1
0.5±0.05
R
200%
LMK105 SD472KV
4700
±10
0.1
0.5±0.05
R
200%
212TYPE
・1.25mm thickness(G)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
35V
GMK212 SD183KG
Standard
type
18000
±10
0.1
1.25±0.1
R
200%
GMK212 SD223KG
22000
±10
0.1
1.25±0.1
R
200%
GMK212 SD273KG
27000
±10
0.1
1.25±0.1
R
200%
10V
LMK212 SD683KG
68000
±10
0.1
1.25±0.1
R
200%
LMK212 SD823KG
82000
±10
0.1
1.25±0.1
R
200%
LMK212 SD104KG
100000
±10
0.1
1.25±0.1
R
200%
107TYPE
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK107 SD102KA
Standard
type
1000
±10
0.1
0.8±0.1
R
200%
UMK107 SD122KA
1200
±10
0.1
0.8±0.1
R
200%
UMK107 SD152KA
1500
±10
0.1
0.8±0.1
R
200%
UMK107 SD182KA
1800
±10
0.1
0.8±0.1
R
200%
UMK107 SD222KA
2200
±10
0.1
0.8±0.1
R
200%
UMK107 SD272KA
2700
±10
0.1
0.8±0.1
R
200%
UMK107 SD332KA
3300
±10
0.1
0.8±0.1
R
200%
25V
TMK107 SD392KA
3900
±10
0.1
0.8±0.1
R
200%
TMK107 SD472KA
4700
±10
0.1
0.8±0.1
R
200%
16V
EMK107 SD562KA
5600
±10
0.1
0.8±0.1
R
200%
EMK107 SD682KA
6800
±10
0.1
0.8±0.1
R
200%
EMK107 SD822KA
8200
±10
0.1
0.8±0.1
R
200%
EMK107 SD103KA
10000
±10
0.1
0.8±0.1
R
200%
10V
LMK107 SD123KA
12000
±10
0.1
0.8±0.1
R
200%
LMK107 SD153KA
15000
±10
0.1
0.8±0.1
R
200%
LMK107 SD183KA
18000
±10
0.1
0.8±0.1
R
200%
LMK107 SD223KA
22000
±10
0.1
0.8±0.1
R
200%
Note:Capacitance tolerance J (±5%) is also available. Please contact Taiyo Yuden sales channels.
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 SD392KD
Standard
type
3900
±10
0.1
0.85±0.1
R
200%
UMK212 SD472KD
4700
±10
0.1
0.85±0.1
R
200%
UMK212 SD562KD
5600
±10
0.1
0.85±0.1
R
200%
UMK212 SD682KD
6800
±10
0.1
0.85±0.1
R
200%
UMK212 SD822KD
8200
±10
0.1
0.85±0.1
R
200%
UMK212 SD103KD
10000
±10
0.1
0.85±0.1
R
200%
35V
GMK212 SD123KD
12000
±10
0.1
0.85±0.1
R
200%
GMK212 SD153KD
15000
±10
0.1
0.85±0.1
R
200%
16V
EMK212 SD333KD
33000
±10
0.1
0.85±0.1
R
200%
10V
LMK212 SD473KD
47000
±10
0.1
0.85±0.1
R
200%
Note:Capacitance tolerance J (±5%) is also available. Please contact Taiyo Yuden sales channels.
・0.3mm thickness(P)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
10V
LMK105 SD152KP
Standard
type
1500
±10
0.1
0.3±0.03
R
200%
6.3V
JMK105 SD272KP
2700
±10
0.1
0.3±0.03
R
200%
Note:Capacitance tolerance J (±5%) is also available. Please contact Taiyo Yuden sales channels.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn