Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 20 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 20 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
22
11
mlcc05_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Newly developed dielectric material and the use of nickel for internal
electrodes provide superior temperature characteristics with high ca-
pacitance, small case size and low cost.
Low distortion and low shock noise make these capacitors appropri-
ate for use in analog or digital mobile devices.
Superior heat-resistance, high breakdown voltage, and mechanical
strength make these capacitors appropriate for replacing film capacitors.
Signal line for AV products
Analog signal coupling applications
PLL circuit of mobile phones
Good temperature characteristics for time constant circuits, oscilla-
tion circuits and filters
SUPER LOW DISTORTION MULTILAYER
CERAMIC CAPACITORSCFCAPTM
REFLOW
Cap
[pF]
Type
105
107
212
316
SD
SD
SD
SD
VDC
50V
25V
16V
10V
6.3V
50V
25V
16V
10V
50V
35V
16V
10V
35V
25V
[3-digit]
390
391
V
470
471
V
560
561
V
680
681
V
820
821
V
1000
102
V
A
1200
122
V
A
1500
152
V
P
A
1800
182
V
A
2200
222
V
A
2700
272
V
P
A
3300
332
V
A
3900
392
V
A
D
4700
472
V
A
D
5600
562
A
D
6800
682
A
D
8200
822
A
D
10000
103
A
D
12000
123
A
D
15000
153
A
D
18000
183
A
G
22000
223
A
G
27000
273
G
33000
333
D
F
39000
393
F
47000
473
D
F
56000
563
F
68000
683
G
F
82000
823
G
L
100000
104
G
L
※Letters in the table indicate thickness.
T M K 3 1 6 △ S D 1 0 4 K L - T △
Rated
voltage〔VDC〕
U
50
G
35
T
25
E
16
L
10
J
6.3
Thickness
〔mm〕
P
0.3
V
0.5
A
0.8
D
0.85
F
1.15
G
1.25
L
1.6
Internal code
Standard
△=Blank space
Packaging
T
φ178mm Taping
(4mm pitch)
107, 212, 316 Type
F
φ178mm Taping
(2mm pitch)
105 Type
Dimension
Type (inch) L×W〔mm〕
105 (0402) 1.0×0.5
107 (0603) 1.6×0.8
212 (0805) 2.0×1.25
316 (1206) 3.2×1.6
Nominal
capacitance〔μF〕
example
223
0.022
104
0.1
Series symbol
SD
Standard
Capacitance
tolerance
K
±10%
Series name
M
Multilayer ceramic
capacitor
End termination
K
Plated
Dimension tolerance
Standard
△=Blank space
Special code
Standard
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK105
(0402 inch)
1.0±0.05
0.5±0.05
0.3±0.03
P
0.25±0.10
10000
0.5±0.05
V
□MK107
(0603 inch)
1.6±0.10
0.8±0.10
0.8±0.10
A
0.35±0.25
4000
□MK212
(0805 inch)
2.0±0.10
1.25±0.10
0.85±0.10
D
0.5±0.25
4000
1.25±0.10
G
3000
□MK316
(1206 inch)
3.2±0.15
1.6±0.15
1.15±0.10
F
0.5+0.35/ー0.25
3000
1.6±0.20
L
2000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn