Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
4
11
mlcc01_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
J M K 3 1 6 △ B J 1 0 6 M L - T △
Cap
〔μF〕
Type
107
212
316
325
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
VDC 50 25 16 10 6.3 50 35 25 16 10 6.3 4 50 25 16 10 50 35 25 16 10 6.3 50 25 16 10 6.3 50 16 10 6.3 50 25 16 10 6.3 50 25 16 10 6.3 4 35 25 16 10 50 25 16 10 6.3 50 35 25 16 10 6.3 16 10 6.3
〔3-digit〕
0.1
104
A
G
G
0.15
154
0.22
224 A
A A A
A A A
A
G
G
L
0.33 334
0.47
474 A A A A A A
A A A
A A
G
G
G
L
0.68 684
1
105
A A A A A A A A A
A A G G G G G
G
G
L L
L
2.2
225
A
A A A A
A A
G G G
G G G
G
L L L L
L L
N
3.3
335
N
N
4.7
475
A A A
G G G
G G G G
G
L L
L
L L L
M N N
M N N N
6.8
685
10
106
A A A
G G
G G G
G G
L L L L
L L L L
L L L
N N
M N M.N N N
22
226
A
G G
L
L L L
L
M M
M M.Y Y N N
47
476
G
L L
M M
M M M.N
N
100
107
L L
M M.Y
The use of nickel as electrode material and plating processing im-
prove the solderability and heat resistance characteristics. It also
prevents migration and raises the level of reliability.
Low equivalent series resistance(ESR) provides superior noise ab-
sorption characteristics.
Compared to tantalum or aluminum electrolytic capacitors, multilayer
ceramic capacitors offer a number of superior features, including:
Higher permissible ripple current values
Smaller case sizes with high rated voltage
Improved reliability due to higher insulation resistance and breakdown
voltage.
General digital circuit
Power supply bypass capacitors
Liquid crystal modules
Liquid crystal drive voltage lines
LSI, IC, converters(both for input and output)
Smoothing capacitors
DC-DC converters (for both input and output)
Switching power supplies (secondary side)
HIGH VALUE MULTILAYER CERAMIC CAPACITORS
Packaging
T
φ178mm Taping
(4mm pitch)
All types
P
φ178mm Taping
(4mm pitch,
1000pcs/reel)
1210Type 
Thickness:M
Internal code
△ Standard
△=Blank space
Special code
- Standard
Thickness
〔mm〕
K
0.45
A
0.8
D
0.85
G
1.25
L
1.6
N
1.9
Y 2.0max
M
2.5
REFLOW
WAVE
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK107
(0603 inch)
1.6±0.10
0.8±0.10
0.45±0.05
K
0.35±0.25
4000
0.8±0.10
A
□MK212
(0805 inch)
2.0±0.10
1.25±0.10
0.45±0.05
K
0.5±0.25
4000
0.85±0.10
D
1.25±0.10
G
3000
□MK316
(1206 inch)
3.2±0.15
1.6±0.15
0.85±0.10
D
0.5+0.35/-0.25
4000
1.25±0.10
G
3000
1.6±0.20
L
2000
□MK325
(1210 inch)
3.2±0.30
2.5±0.20
0.85±0.10
D
0.6±0.3
2000
1.9±0.20
N
1.9+0.1/-0.2
Y
2.5±0.20
M
500(T),1000(P)
Rated
voltage
〔VDC〕
A
4
J
6.3
L
10
E
16
T
25
G
35
U
50
Dimension
Type (inch) L×W[mm]
107 (0603) 1.6×0.8
212 (0805) 2.0×1.25
316 (1206) 3.2×1.6
325 (1210) 3.2×2.5
Series name
M
Multilayer
ceramic
capacitor
End
termination
K
Plated
Temperature
characteristics code
BJ
B
X5R
B7
X7R
△F
F
Y5V
△=Blank space
Capacitance
tolerance
K
±10%
M
±20%
Z
+80
-20%
Nominal
capacitance〔pF〕
example
473
47,000
105
1,000,000
AVAILABLE CAPACITANCE RANGE
Note:Letters in the table indicate product thickness. ■■ X5R only
Dimension tolerance[mm]
Code Type
L
W
T
Code Type
L
W
T
ALL
Standard
Standard
Standard
B
107 1.6+0.2/-0 0.8+0.2/-0
0.45±0.05
A
107
1.6+0.15/-0.05
0.8+0.15/-0.05
0.8+0.15/-0.05
0.8+0.2/-0
212
2.0+0.15/-0.05
1.25+0.15/-0.05
0.45±0.05
212 2.0+0.2/-0 1.25+0.2/-0
0.85±0.1
0.85±0.1
1.25+0.2/-0
1.25+0.15/-0.05
△=Blank space
316
3.2±0.2
1.6±0.2
0.85±0.1
1.6±0.2
325
3.2±0.3
2.5±0.3
2.5±0.3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn