Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 19 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 19 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
21
11
mlcc04_e-01
PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Rated Voltage
(DC)
Part number
EHS
(Environmental
Hazardous
Substances)
Temperature
characteristics
Capacitance
〔pF〕
Capacitance
tolerance
Q
(at 1GHz)
(min.)
Thickness
[mm]
Typical Q
CH
RH
E: 16V
U: 50V
□VK105 CH0R3BW
RoHS
0.3
±0.1pF
300
0.5±0.05
1200
□VK105 CH0R4BW
RoHS
0.4
300
1200
□VK105 CH0R5BW
RoHS
0.5
300
1200
□VK105 CH0R6BW
RoHS
0.6
300
1100
□VK105 CH0R7BW
RoHS
0.7
300
1100
□VK105 CH0R8BW
RoHS
0.8
300
1000
□VK105 CH0R9BW
RoHS
0.9
300
950
□VK105 CH010BW
RoHS
1.0
300
950
□VK105 CH1R1BW
RoHS
1.1
280
930
□VK105 CH1R2BW
RoHS
1.2
270
850
□VK105 CH1R3BW
RoHS
1.3
260
740
□VK105 CH1R5BW
RoHS
1.5
240
710
□VK105 CH1R6BW
RoHS
1.6
230
670
□VK105 CH1R8BW
RoHS
1.8
210
650
□VK105 CH020BW
RoHS
2.0
190
610
□VK105 CH2R2JW
RoHS
2.2
±5%
180
530
□VK105 CH2R4JW
RoHS
2.4
170
510
□VK105 CH2R7JW
RoHS
2.7
150
460
□VK105 CH030JW
RoHS
3.0
130
390
□VK105 CH3R3JW
RoHS
3.3
120
370
□VK105 CH3R6JW
RoHS
3.6
110
360
□VK105 CH3R9JW
RoHS
3.9
99
360
□VK105 CH4R3JW
RoHS
4.3
84
360
□VK105 CH4R7JW
RoHS
4.7
84
340
□VK105 CH5R1JW
RoHS
5.1
84
320
□VK105 RH0R5BW
RoHS
0.5
±0.1pF
300
1100
□VK105 RH0R6BW
RoHS
0.6
300
1000
□VK105 RH0R7BW
RoHS
0.7
300
1000
□VK105 RH0R8BW
RoHS
0.8
300
970
□VK105 RH0R9BW
RoHS
0.9
300
950
□VK105 RH010BW
RoHS
1.0
300
900
□VK105 RH1R1BW
RoHS
1.1
280
900
□VK105 RH1R2BW
RoHS
1.2
270
740
□VK105 RH1R3BW
RoHS
1.3
260
700
□VK105 RH1R5BW
RoHS
1.5
240
680
□VK105 RH1R6BW
RoHS
1.6
230
640
□VK105 RH1R8BW
RoHS
1.8
210
620
□VK105 RH020BW
RoHS
2.0
190
570
□VK105 RH2R2JW
RoHS
2.2
±5%
180
480
□VK105 RH2R4JW
RoHS
2.4
170
470
□VK105 RH2R7JW
RoHS
2.7
150
420
□VK105 RH030JW
RoHS
3.0
130
360
□VK105 RH3R3JW
RoHS
3.3
120
350
□VK105 RH3R6JW
RoHS
3.6
110
340
□VK105 RH3R9JW
RoHS
3.9
99
340
□VK105 RH4R3JW
RoHS
4.3
84
340
□VK105 RH4R7JW
RoHS
4.7
84
320
□VK105 RH5R1JW
RoHS
5.1
84
310
□Please specify the Rated Voltage code.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn