Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 18 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 18 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
20
11
mlcc04_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
SPECIFICATIONS
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Q value in the high frequency range (1 GHz+) is superior compared to
other types of multilayer capacitors.
The 1005(0402) case size is designed for high density mounting and
weight reduction in various applications.
Suitable for those high frequency applications in which a capacitor
with both a high Q-value and small size is required such as portable
communications and other wireless applications.
VCO, TCXO etc.
Adjustment of characteristics in high frequency circuit
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□VK105
(0402 inch)
1.0±0.05
0.5±0.05
0.5±0.05
0.25±0.1
10000
Rated voltage
〔VDC〕
E
16
U
50
Thickness〔mm〕
W
0.5
Nominal
capacitance〔pF〕
example
020
2
4R3
4.3
※R=Decimal point
Temperature
characteristics〔ppm/℃〕
CH
0±60
RH
-220±60
Series name
V
Multilayer ceramic
capacitor for high
frequency
End termination
K
Plated
Capacitance
tolerance
B
±0.1pF
J
±5%
MULTILAYER CERAMIC CAPACITORS
FOR HIGH FREQUENCY APPLICATIONS1GHz+
Temperature
Characteristics
Operating
Temperature range
Temperature
Coefficient range
[ppm/℃]
Capacitance
Tolerance
CH
-55~+125℃
  0±60
±0.1pF(~2.0pF)
±5%(2.2pF~)
RH
-220±60
Capacitance vs Q value(Typical for CH characteristic)
Packaging
F
φ178mm Taping
(2mm pitch)
Special code
Standard
REFLOW
U V K 1 0 5 △ R H 4 R 3 J W - F △
Dimension
Type (inch) L×W〔mm〕
105 (0402) 1.0×0.5
Dimension
tolerance
Standard
△=Blank Space
Internal code
△ Standard
△=Blank Space


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn