Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 17 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 17 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
19
11
mlcc03_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
【Temperature Characteristic B7:X7R】
【Temperature Characteristic F:Y5V】
・0.3mm thickness(P)
・0.2mm thickness(C)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
TMK105 BJ103□P
B/X5R
10000
±10, ±20
5
0.3±0.03
R
150%
TMK105 BJ104□P
X5R
100000
±10, ±20
10
0.3±0.03
R
150%
TMK105 BJ224□P
X5R
220000
±10, ±20
10
0.3±0.03
R
150%
16V
EMK105 BJ474□P
X5R
470000
±10, ±20
10
0.3±0.03
R
150%
6.3V
JMK105 BJ105□P
X5R
1000000
±10, ±20
10
0.3±0.03
R
150%
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
10V
LMK105 BJ104□C
X5R
100000
±10, ±20
10
0.2±0.02
R
150%
6.3V
JMK105 BJ224□C
X5R
220000
±10, ±20
10
0.2±0.02
R
150%
JMK105 BJ474□C
X5R
470000
±10, ±20
10
0.2±0.02
R
150%
Capacitance tolerance code is applied to □ of part number.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 B7221□V
X7R
220
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7331□V
X7R
330
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7471□V
X7R
470
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7681□V
X7R
680
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7102□V
X7R
1000
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7152□V
X7R
1500
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7222□V
X7R
2200
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7332□V
X7R
3300
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 B7472□V
X7R
4700
±10, ±20
2.5
0.5±0.05
R
150%
UMK105 B7682□V
X7R
6800
±10, ±20
2.5
0.5±0.05
R
150%
UMK105 B7103□V
X7R
10000
±10, ±20
3.5
0.5±0.05
R
150%
25V
TMK105 B7152□V
X7R
1500
±10, ±20
2.5
0.5±0.05
R
200%
TMK105 B7222□V
X7R
2200
±10, ±20
2.5
0.5±0.05
R
200%
TMK105 B7332□V
X7R
3300
±10, ±20
2.5
0.5±0.05
R
200%
TMK105 B7472□V
X7R
4700
±10, ±20
2.5
0.5±0.05
R
200%
TMK105 B7682□V
X7R
6800
±10, ±20
2.5
0.5±0.05
R
200%
TMK105 B7103□V
X7R
10000
±10, ±20
3.5
0.5±0.05
R
200%
16V
EMK105 B7223□V
X7R
22000
±10, ±20
3.5
0.5±0.05
R
200%
EMK105 B7473□V
X7R
47000
±10, ±20
3.5
0.5±0.05
R
200%
EMK105 B7104□V
X7R
100000
±10, ±20
5
0.5±0.05
R
150%
10V
LMK105 B7223□V
X7R
22000
±10, ±20
3.5
0.5±0.05
R
200%
LMK105 B7473□V
X7R
47000
±10, ±20
3.5
0.5±0.05
R
200%
LMK105 B7104□V
X7R
100000
±10, ±20
5
0.5±0.05
R
150%
6.3V
JMK105 B7224□V
X7R
220000
±10, ±20
5
0.5±0.05
R
150%
Capacitance tolerance code is applied to □ of part number.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 F103ZV
F/Y5V
10000
+80/-20
5
0.5±0.05
R
200%
25V
TMK105 F223ZV
F/Y5V
22000
+80/-20
5
0.5±0.05
R
200%
16V
EMK105 F473ZV
F/Y5V
47000
+80/-20
7
0.5±0.05
R
200%
EMK105 F104ZV
F/Y5V
100000
+80/-20
9
0.5±0.05
R
200%
10V
LMK105 F224ZV
F/Y5V
220000
+80/-20
11
0.5±0.05
R
200%
6.3V
JMK105 F474ZV
F/Y5V
470000
+80/-20
12.5
0.5±0.05
R
200%
JMK105 F105ZV
F/Y5V
1000000
+80/-20
20
0.5±0.05
R
150%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn