Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 16 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 16 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
18
11
mlcc03_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
105TYPE(0402 case size)
【Temperature Characteristic BJ:B/X5R】
・0.5mm thickness(V)
【Temperature Characteristic B7:X7R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
TMK063 B7101□P
X7R
100
±10, ±20
3.5
0.3±0.03
R
200%
TMK063 B7151□P
X7R
150
±10, ±20
3.5
0.3±0.03
R
200%
TMK063 B7221□P
X7R
220
±10, ±20
3.5
0.3±0.03
R
200%
TMK063 B7331□P
X7R
330
±10, ±20
3.5
0.3±0.03
R
200%
TMK063 B7471□P
X7R
470
±10, ±20
3.5
0.3±0.03
R
200%
TMK063 B7681□P
X7R
680
±10, ±20
3.5
0.3±0.03
R
200%
TMK063 B7102□P
X7R
1000
±10, ±20
3.5
0.3±0.03
R
200%
16V
EMK063 B7152□P
X7R
1500
±10, ±20
5
0.3±0.03
R
200%
EMK063 B7222□P
X7R
2200
±10, ±20
5
0.3±0.03
R
200%
EMK063 B7332□P
X7R
3300
±10, ±20
5
0.3±0.03
R
200%
EMK063 B7472□P
X7R
4700
±10, ±20
5
0.3±0.03
R
200%
EMK063 B7682□P
X7R
6800
±10, ±20
5
0.3±0.03
R
200%
EMK063 B7103□P
X7R
10000
±10, ±20
5
0.3±0.03
R
200%
Capacitance tolerance code is applied to □ of part number.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 BJ221□V
B/X5R*1
220
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ331□V
B/X5R*1
330
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ471□V
B/X5R*1
470
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ681□V
B/X5R*1
680
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ102□V
B/X5R*1
1000
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ152□V
B/X5R*1
1500
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ222□V
B/X5R*1
2200
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ332□V
B/X5R*1
3300
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ472□V
B/X5R*1
4700
±10, ±20
2.5
0.5±0.05
R
200%
UMK105 BJ682□V
B/X5R*1
6800
±10, ±20
2.5
0.5±0.05
R
150%
UMK105 BJ103□V
B/X5R*1
10000
±10, ±20
3.5
0.5±0.05
R
200%
35V
GMK105 BJ104□V
B/X5R
100000
±10, ±20
5
0.5±0.05
R
150%
25V
TMK105 BJ153□V
B/X5R*1
15000
±10, ±20
3.5
0.5±0.05
R
200%
TMK105 BJ223□V
B/X5R*1
22000
±10, ±20
3.5
0.5±0.05
R
200%
TMK105 BJ333□V
B/X5R*1
33000
±10, ±20
3.5
0.5±0.05
R
150%
TMK105 BJ473□V
B/X5R*1
47000
±10, ±20
3.5
0.5±0.05
R
150%
TMK105 BJ104□V
B/X5R
100000
±10, ±20
5
0.5±0.05
R
150%
16V
EMK105 BJ153□V
B/X5R*1
15000
±10, ±20
3.5
0.5±0.05
R
200%
EMK105 BJ223□V
B/X5R*1
22000
±10, ±20
3.5
0.5±0.05
R
200%
EMK105 BJ333□V
B/X5R*1
33000
±10, ±20
3.5
0.5±0.05
R
200%
EMK105 BJ473□V
B/X5R*1
47000
±10, ±20
3.5
0.5±0.05
R
200%
EMK105 BJ683□V
B/X5R
68000
±10, ±20
5
0.5±0.05
R
200%
EMK105 BJ104□V
B/X5R*1
100000
±10, ±20
5
0.5±0.05
R
150%
EMK105 BJ224□V
B/X5R
220000
±10, ±20
5
0.5±0.05
R
150%
EMK105 BJ105□V
X5R
1000000
±10, ±20
10
0.5±0.05
R
150%
10V
LMK105 BJ104□V
B/X5R
100000
±10, ±20
5
0.5±0.05
R
200%
LMK105 BJ224□V
B/X5R
220000
±10, ±20
5
0.5±0.05
R
150%
LMK105 BJ474□V
X5R
470000
±10, ±20
10
0.5±0.05
R
150%
LMK105 BJ105□V
X5R
1000000
±10, ±20
10
0.5±0.05
R
150%
6.3V
JMK105 BJ224□V
B/X5R
220000
±10, ±20
5
0.5±0.05
R
150%
JMK105 BJ474□V
X5R
470000
±10, ±20
10
0.5±0.05
R
150%
JMK105 BJ105□V
X5R
1000000
±10, ±20
10
0.5±0.05
R
150%
JMK105 BJ225MV
X5R
2200000
±20
10
0.5±0.05
R
150%
JMK105 BJ475MV
JMK105BBJ475MV
X5R
4700000
±20
10
0.5+0.15/-0.05
R
150%
D
4V
AMK105 BJ335MV
X5R
3300000
±20
10
0.5±0.05
R
150%
*2
AMK105 BJ475MV
AMK105ABJ475MV
X5R
4700000
±20
10
0.5±0.1
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some items according to the individual specification.
*2 The exchange of individual specification is necessary depending on the application and circuit condition. Please contact Taiyo Yuden sales channels.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn