Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMK107B7474A Datasheet(PDF) 14 Page - Taiyo Yuden (U.S.A.), Inc

Part No. UMK107B7474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

UMK107B7474A Datasheet(HTML) 14 Page - Taiyo Yuden (U.S.A.), Inc

Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
16
11
mlcc03_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Improved higher density mounting.
Monolithic structure provides higher reliability.
A wide range of capacitance values available in standard case sizes.
General electronic equipment
Communication equipment
(cellular phone, wireless applications, etc.)
Rated voltage
〔VDC〕
A
4
J
6.3
L
10
E
16
T
25
G
35
U
50
Thickness〔mm〕
C
0.2
P
0.3
V
0.5
Nominal capacitance
〔pF〕
example
102
1000
223
22000
Temperature
characteristics code
BJ
B
X5R
B7
X7R
△F
F
Y5V
△=Blank space
End termination
K
Plated
Capacitance
tolerance
K
±10%
M
±20%
Z
+80
-20 %
STANDARD MULTILAYER CERAMIC CAPACITORS
CLASS2 :HIGH DIELECTRIC CONSTANT TYPE
Temp.char.Code
Temperature characteristics
Capacitance tolerance
〔%〕
Applicable standard
Temperature range〔℃〕
Ref. Temp.〔℃〕
Capacitance change〔%〕
BJ
JIS
B
-25~+85
20
±10
±10(K)
±20(M)
EIA
X5R
-55~+85
25
±15
B7
EIA
X7R
-55~+125
25
±15
F
JIS
F
-25~+85
20
+30/-80
+80  
-20
(Z)
EIA
Y5V
-30~+85
25
+22/-82
Series name
M
Multilayer ceramic
capacitor
Packaging
F
φ178mm Taping
(2mm pitch)
W
φ178mm Taping
(1mm pitch, 042 Type)
Special code
Standard
Internal code
Standard
△=Blank space
REFLOW
L M K 1 0 5 △ B J 1 0 4 K V - F △
Dimension
Type (inch)
L×W〔mm〕
042 (01005) 0.4×0.2
063 (0201)
0.6×0.3
105 (0402)
1.0×0.5
Low Profile Multilayer Ceramic
Capacitors 
Multilayer Ceramic Capacitors 
Dimension tolerance[mm]
Code Type
L
W
T
ALL
Standard
Standard
Standard
A
105
1.0±0.1
0.5±0.1
0.5±0.1
B
1.0+0.15/-0.05 0.5+0.15/-0.05 0.5+0.15/-0.05
△=Blank space
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK042
(01005 inch)
0.4±0.02
0.2±0.02
0.2±0.02
C
0.1±0.03
40000
□MK063
(0201 inch)
0.6±0.03
0.3±0.03
0.3±0.03
P
0.15±0.05
15000
□MK105
(0402 inch)
1.0±0.05
0.5±0.05
0.2±0.02
C
0.25±0.10
20000
0.3±0.03
P
15000
0.5±0.05
V
10000
Cap
[pF]
Type
042
063
105
X7R B/X5R
X7R
B/X5R
X7R
B/X5R
F/Y5V
VDC
10 10 6.3 25 16 25 16 10 6.3 4
50 25 16 10 6.3 50 35 25 16 10 6.3 4
50 25 16 10 6.3
〔3-digit〕
100
101
C
C
P
P
150
151
C
C
P
P
220
221
C
C
P
P
V
V
330
331
C
C
P
P
V
V
470
471
C
C
P
P
V
V
680
681
C
C
P
P
V
V
1000
102
C
C
P
P
V
V
1500
152
C
C
P
P
P
V
V
V
2200
222
C
C
P
P
P
V
V
V
3300
332
C
C
P
P
P
V
V
V
4700
472
C
C
P
P
P
V
V
V
6800
682
C
C
P
P
P
V
V
V
10000
103
C
C
P
P
P
V
V
V
V
15000
153
V
V
22000
223
C
P
P
V
V
V
V
V
33000
333
P
P
V
V
47000
473
P
P
V
V
V
V
V
68000
683
P
P
V
100000
104
P
P
V
V
V
V
V
V
V
220000
224
P
P
P
V
V
V
V
V
330000
334
P
470000
474
P
V
V
V
1000000
105
V
V
V
V
2200000
225
V
3300000
335
V
4700000
475
V
V
Note:Letters in the table indicate product thickness. ■■ X5R only
Cap
[pF]
Type
105
B/X5R
VDC
25 16 10 6.3
〔3-digit〕
100
101
150
151
220
221
330
331
470
471
680
681
1000
102
1500
152
2200
222
3300
332
4700
472
6800
682
10000
103
P
15000
153
22000
223
33000
333
47000
473
68000
683
100000
104
P
C
220000
224
P
C
330000
334
470000
474
P
C
1000000
105
P
2200000
225
3300000
335
4700000
475


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn