Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPMWHT520AN2BAA0S0 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SPMWHT520AN2BAA0S0
Description  Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPMWHT520AN2BAA0S0 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SPMWHT520AN2BAA0S0 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 11Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 12Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 13Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 14Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 15Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 16Page - List of Unclassifed Manufacturers SPMWHT520AN2BAA0S0 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X
X
X
X[
[
[
[UUUU w™ŒŠˆœ›–•
w™ŒŠˆœ›–•
w™ŒŠˆœ›–•
w™ŒŠˆœ›–• –™
–™
–™
–™ |šŒ
|šŒ
|šŒ
|šŒ OOOO
PPPP
XP m–™ –Œ™TŠœ™™Œ•›T—™–– œ•Š›–•S Šœš›–”Œ™š ˆ™Œ ™ŒŠ–””Œ•‹Œ‹ ›– ˆ——“  ™Œšš›–™š ›–
—™ŒŒ•› šœ‹‹Œ• Šˆ•ŽŒ – ›Œ Šœ™™Œ•› ŠˆœšŒ‹ ‰  š“Ž› š› – ›Œ –“›ˆŽŒU
U
YP {š ‹ŒŠŒ š–œ“‹ •–› ‰Œ œšŒ‹ • ˆ•  › —Œ – “œ‹ šœŠ ˆš
žˆ›Œ™S –“S –™Žˆ•Š
š–“Œ•›S Œ›ŠU
~Œ• žˆš•Ž š ™Œ˜œ™Œ‹S pwh š ™ŒŠ–””Œ•‹Œ‹ ›– œšŒU
S
S
S
pwh
U
ZP ~Œ• ›Œ slkš ““œ”•ˆ›ŒS –—Œ™ˆ›•Ž Šœ™™Œ•› š–œ“‹ ‰Œ ‹ŒŠ‹Œ‹ ˆ›Œ™ Š–•š‹Œ™•Ž ›Œ
ˆ”‰Œ•› ”ˆŸ”œ” ›Œ”—Œ™ˆ›œ™ŒU
slk
S
U
[P slkš ”œš› ‰Œ š›–™Œ‹ • ˆ Š“Œˆ• Œ•™–•”Œ•›U
p ›Œ slkš ˆ™Œ ›– ‰Œ š›–™Œ‹ –™ Z ”–•›š –™ ”–™Œ ˆ›Œ™ ‰Œ•Ž š——Œ‹ ™–”
zltjvS ›Œ  š–œ“‹ ‰Œ —ˆŠ’Œ‹ ‰  ˆ šŒˆ“Œ‹ Š–•›ˆ•Œ™ ž› •›™–ŽŒ• Žˆš •‘ŒŠ›Œ‹U
OzŒ“ “Œ – šŒˆ“Œ‹ ‰ˆŽša XY ”–•›šS ›Œ”—U W¥[W
S YW¥^WLyoP
slk
S
Z
4
U
O
‰ˆŽ
a XY
S
W¥[W
S
YW¥^WLyoP
\P h›Œ™ š›–™ˆŽŒ ‰ˆŽ š –—Œ•S ‹ŒŠŒ šœ‰‘ŒŠ›Œ‹ ›– š–“‹Œ™•ŽS š–“‹Œ™ ™Œ“–žS –™ –›Œ™
Ž ›Œ”—Œ™ˆ›œ™Œ —™–ŠŒššŒš ”œš› ‰Œa
iˆŽ
S
™Œ“–ž
U
ˆUt–œ•›Œ‹ ž›• X]_ –œ™š O^ ‹ˆ šP ˆ› ˆ• ˆššŒ”‰“  “•Œ ž› ˆ Š–•‹›–• – •–
”–™Œ ›ˆ• ZW
V]WLyoS
ˆU
ZW
V]WLyo
X]_
O^
P
U
‰U z›–™Œ‹ ˆ› cXWL yoU
‰U XWL
U
]P yŒ—ˆŠ’ œ•œšŒ‹ w™–‹œŠ›š ž› ˆ•›T”–š›œ™Œ —ˆŠ’•ŽS –“‹ ›– Š“–šŒ ˆ•  –—Œ••Ž ˆ•‹
›Œ• š›–™Œ • ˆ ‹™  —“ˆŠŒU
S
U


Similar Part No. - SPMWHT520AN2BAA0S0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SPMWHT223MD5WAP0S0 SAMSUNG-SPMWHT223MD5WAP0S0 Datasheet
2Mb / 49P
   2323 Middle Power LED
SPMWHT223MD5WAQ0S0 SAMSUNG-SPMWHT223MD5WAQ0S0 Datasheet
2Mb / 49P
   2323 Middle Power LED
SPMWHT223MD5WAR0S0 SAMSUNG-SPMWHT223MD5WAR0S0 Datasheet
2Mb / 49P
   2323 Middle Power LED
SPMWHT223MD5WAT0S0 SAMSUNG-SPMWHT223MD5WAT0S0 Datasheet
2Mb / 49P
   2323 Middle Power LED
SPMWHT223MD5WAU0S0 SAMSUNG-SPMWHT223MD5WAU0S0 Datasheet
2Mb / 49P
   2323 Middle Power LED
More results

Similar Description - SPMWHT520AN2BAA0S0

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
logo
Seoul Semiconductor
STW0Q2PA SEOUL-STW0Q2PA Datasheet
3Mb / 24P
   Lead Frame type LED PKG
logo
Rohm
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
logo
Xtaltq Technologies Co....
BT0503C XTALTQ-BT0503C Datasheet
228Kb / 2P
   SMD Package (5.2×3.4mm)
Aug.30. 2016
BT0503D XTALTQ-BT0503D Datasheet
224Kb / 2P
   SMD Package(5.2×3.4mm)
BT0507C XTALTQ-BT0507C Datasheet
253Kb / 2P
   SMD Package(5.2×3.4mm)
logo
BetLux Electronics
BL-LS3020A0S1 BETLUX-BL-LS3020A0S1 Datasheet
327Kb / 8P
   3.0mmx2.0mm SMD, 1.3mm THICKNESS PLCC2 package
logo
Seoul Semiconductor
STW8Q14BE SEOUL-STW8Q14BE Datasheet
3Mb / 26P
   Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
STW8Q14C SEOUL-STW8Q14C Datasheet
3Mb / 27P
   Lead Frame type LED PKG size: 5.6*3.0 thickness 0.75mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com